Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 172 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 172 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 168Page - STMicroelectronics L9963E Datasheet HTML 169Page - STMicroelectronics L9963E Datasheet HTML 170Page - STMicroelectronics L9963E Datasheet HTML 171Page - STMicroelectronics L9963E Datasheet HTML 172Page - STMicroelectronics L9963E Datasheet HTML 173Page - STMicroelectronics L9963E Datasheet HTML 174Page - STMicroelectronics L9963E Datasheet HTML 175Page - STMicroelectronics L9963E Datasheet HTML 176Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 184 page
background image
19. For Symbols, Recommended Values and Tolerances see Table below:
Symbol
Definition
Notes
aaa
The tolerance that controls the position of the terminal
pattern with respect to Datum A and B. The center
of the tolerance zone for each terminal is defined by
basic dimension "e" as related to Datum A and B.
For flange-molded packages, this tolerance also
applies for basic dimensions D1 and E1. For
packages tooled with intentional terminal tip
protrusions, aaa does not apply to those protrusions.
bbb
The bilateral profile tolerance that controls the position
of the plastic body sides. The centers of the profile
zones are defined by the basic dimensions D and E.
ccc
The unilateral tolerance located above the seating
plane where in the bottom surface of all terminals
must be located.
This tolerance is commonly know as the “coplanarity”
of the package terminals.
ddd
The tolerance that controls the position of the
terminals to each other. The centers of the profile
zones are defined by basic dimension "e".
This tolerance is normally compounded with tolerance
zone defined by “b”.
20. Notch may be present in this area (MAX 1.5 mm square) if center top gate molding technology is applied.
Resin gate residual not protruding out of package top surface.
L9963E
TQFP 10x10 64L exposed pad down package information
DS13636 - Rev 12
page 172/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com