Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 168 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 168 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 164Page - STMicroelectronics L9963E Datasheet HTML 165Page - STMicroelectronics L9963E Datasheet HTML 166Page - STMicroelectronics L9963E Datasheet HTML 167Page - STMicroelectronics L9963E Datasheet HTML 168Page - STMicroelectronics L9963E Datasheet HTML 169Page - STMicroelectronics L9963E Datasheet HTML 170Page - STMicroelectronics L9963E Datasheet HTML 171Page - STMicroelectronics L9963E Datasheet HTML 172Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 184 page
background image
7
Recommended soldering profile
The soldering profile in Figure 58 is compliant to JEDEC J-STD-020 standard. It is recommended to follow these
indications in order to achieve the best performances in terms of accuracy and reliability.
Table 88. Reflow soldering profile according to JEDEC J-STD-020
Item
Description
Reflow category
Reflow Condition
Sn-Pb eutectic assembly
Package Type
Thickness < 2.5 mm and volume < 350 mm3
Preheat
Minimum temperature
Tsmin = 100 °C
Maximum temperature
Tsmax = 150 °C
Duration
ts = 60-120 s
Liquidus phase
Liquidus Temperature
TL = 183 °C
Average ramp-up rate (from TL to Tp)
3°C/s max
Peak Temperature
Tp = 240 °C
Peak Duration
tp = 10-30 s
Ramp-down
Ramp-down rate (from Tp to TL)
6°C/s max.
Ramp-down duration (Tp to 25 °C)
6 min. max.
Note:
all temperatures are referred to the package top case.
Figure 58. Recommended soldering profile
L9963E Top Case
L9963E Bottom PCB Side
Top Heater
Bottom
Heater
L9963E
Recommended soldering profile
DS13636 - Rev 12
page 168/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com