Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 164 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 164 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 160Page - STMicroelectronics L9963E Datasheet HTML 161Page - STMicroelectronics L9963E Datasheet HTML 162Page - STMicroelectronics L9963E Datasheet HTML 163Page - STMicroelectronics L9963E Datasheet HTML 164Page - STMicroelectronics L9963E Datasheet HTML 165Page - STMicroelectronics L9963E Datasheet HTML 166Page - STMicroelectronics L9963E Datasheet HTML 167Page - STMicroelectronics L9963E Datasheet HTML 168Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 184 page
background image
Table 86. Recommended components for transceiver use
Components Value Units Tolerance
Comments
CVDD5
10
µF
10%
Provide battery stabilization for the VCOM and VREG power inputs. 6.3V rating
RBAT_UP
10
kΩ
10%
Protect against STG and provide polarization for FAULT signal propagation to the
upper BMU
CVANA
2.2
µF
10%
Tank for the VANA regulator. 6.3 V rating
CESD_FLT
6.8
nF
10%
ESD capacitor for the FAULT input. 6.3 V rating
RFLT_PD
47
kΩ
10%
Pull-down resistor for FAULT input
DZ_FLT
4.7
V
The SZMM3Z4V7T1G is recommended for clamping the voltage on the FAULT
input
RFLT
10
kΩ
10%
Filtering the FAULT signal and limiting the ESD inrush current
CFLT1
2.2
nF
10%
Filtering the FAULT signal and improving ESD protection. 6.3 V rating
TRANSF
The ESMIT-4180/A is recommended for isolated communication interface
RTERM
120
Ω
10%
ISO line termination
6.13
Hotplug
Care must be taken while connecting the battery cells to the battery monitoring PCB. Each cell connection causes
a hotplug phenomenon that can damage L9963E if the energy flowing through the device is not properly limited.
L9963E features an integrated clamp connected to all cell-relevant pins. Such a structure is capable of
withstanding hotplug transients up to its critical point, shown in Figure 56. Hotplug energy input to a pin is entirely
deviated towards the centralized clamp and cannot propagate to other pins, since protection diodes will block the
current.
Figure 56. L9963E centralized clamp
Clamp
VBAT
Cx
Sx
Bx_x-1
Critical point:
[64 V ; 3 A]
L9963E
Hotplug
DS13636 - Rev 12
page 164/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com