Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 161 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 161 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 157Page - STMicroelectronics L9963E Datasheet HTML 158Page - STMicroelectronics L9963E Datasheet HTML 159Page - STMicroelectronics L9963E Datasheet HTML 160Page - STMicroelectronics L9963E Datasheet HTML 161Page - STMicroelectronics L9963E Datasheet HTML 162Page - STMicroelectronics L9963E Datasheet HTML 163Page - STMicroelectronics L9963E Datasheet HTML 164Page - STMicroelectronics L9963E Datasheet HTML 165Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 184 page
background image
Figure 54. Maximum wire length according to wire insulator and operating frequency
6.12
Transceiver mode
L9963T is the recommended device to be used as transceiver in daisy chain topologies. Nevertheless, due to
legacy, L9963E can still be configured as a transceiver by applying proper SPI settings.
6.12.1
Configuring L9963E as transceiver
To configure L9963E as transceiver, the following connections must be applied to the power supply pins before
the device is first powered on (refer to Figure 55):
•
VBAT, VREG, VCOM and VTREF pins must be shorted together and connected to a 5V power supply
(VDD5; might be the same regulator supplying the microcontroller)
•
The NPNDRV, CAP1 and CAP2 must be left floating
•
VANA must be connected to a tank capacitor as in BMS mode
After the first powerup, MCU can force the transceiver mode by setting transceiver_on_by_up and
transceiver_valid_by_up bit.[end]
L9963E configured as transceiver:
•
Does not execute Voltage Conversion Routine
•
Does not execute Coulomb Counting Routine
•
Is sensitive to VCOM and VTREF OV/UV failures
•
Is not sensitive to VREG UV and VBAT UV/OV failures
•
Propagates any failure received via FAULT Line to the MCU through the FAULTL pin
•
Does not activate Cell Balancing
L9963E
Transceiver mode
DS13636 - Rev 12
page 161/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com