Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9963E Datasheet(PDF) 160 Page - STMicroelectronics

Part # L9963E
Description  Automotive Multicell battery monitoring and balancing IC
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9963E Datasheet(HTML) 160 Page - STMicroelectronics

Back Button L9963E Datasheet HTML 156Page - STMicroelectronics L9963E Datasheet HTML 157Page - STMicroelectronics L9963E Datasheet HTML 158Page - STMicroelectronics L9963E Datasheet HTML 159Page - STMicroelectronics L9963E Datasheet HTML 160Page - STMicroelectronics L9963E Datasheet HTML 161Page - STMicroelectronics L9963E Datasheet HTML 162Page - STMicroelectronics L9963E Datasheet HTML 163Page - STMicroelectronics L9963E Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 184 page
background image
Minimum Inter-Frame Delay Estimation
TINTER_FRAMEmin=2×NDEVICES× TWIREDELAY+TINSERTIONDELAY +41TBITLENGTH+TANSWER_DELAY
TWIRE_DELAY=3.335× εr×LWIRE ns
TINSERTIONDELAY=TBIT_LENGTH
3
TBITLENGTH=TBITLENGHTFAST or TBITLENGHTSLOW
TANSWER_DELAY= TANSWER_DELAY_FAST or TANSWER_DELAY_SLOW
(20)
Where εr is the relative permittivity of the dielectric material of the twisted pair, and TBIT_LENGTH depends on
the iso_freq_sel bit. The insertion of a L9963E introduces less than a bit time delay. Each L9963E acts as a
buffer, regenerating the signal. Hence, attenuation should not represent an issue.
For instance, a daisy chain of 14 devices with 2 m long wires between each node, with a twisted pair made of
copper conductor and polyethylene insulator (εr = 2.25), requires a 38.25 μs inter-frame delay when operating in
high frequency mode, and a 282 μs delay when in low speed configuration.
ST recommends using at least 1.5 times the minimum inter-frame delay estimated. This compensates the
formula inaccuracy and all the external factors that could influence transmission delay. For instance, in the
example above, the recommended inter-frame delay would be 425 μs for low frequency operation and 60 μs for
the high speed configuration.
Since the protocol is out of frame, when switching from a frequency mode to another, the following frame must still
be issued after the old inter-frame delay.
6.11.6
Choosing the twisted pair
L9963E vertical communication interface has been extensively validated at bench using a 24 AWG, 10 m long,
unshielded twisted pair, whose insulating material is a 100 V rated PVC, with a relative permittivity εr = 4.
Different wires can be used, taking into account the following recommendations:
•
Changing the wire AWG and/or length may affect signal attenuation. If signal appears too attenuated at
receiver side, the transmitter amplitude can be increased acting on out_res_tx_iso
•
Increasing the wire length will lead to higher signal propagation delays, eventually degenerating in inter-
symbolic interference. Propagation delay can be estimated using the following equation
Signal propagation delay estimation on vertical communication interface
TPDns/m =3.335 εr
(21)
Figure 54 plots the signal propagation delay (ns) vs. different wire insulating materials. Referring to Figure 10, if
such a delay exceeds 2TPULSE, the transmitter starts generating a new symbol before the receiver has finished
receiving the previous one. The wire becomes acting as a transmission line and intersymbolic interference may
occur.
The worst case is represented by operation at high-frequency (FISO_FAST), determining a constraint of 250 ns
max. propagation delay. On the contrary, switching to low frequency (FISO_SLOW) allows reaching longer distances
(paying always attention to signal attenuation, that must be verified on receiver side).
L9963E
Communication architectures
DS13636 - Rev 12
page 160/184



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com