Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177DCPR Datasheet(PDF) 2 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 2 Page - Texas Instruments

  LM5177DCPR Datasheet HTML 1Page - Texas Instruments LM5177DCPR Datasheet HTML 2Page - Texas Instruments LM5177DCPR Datasheet HTML 3Page - Texas Instruments LM5177DCPR Datasheet HTML 4Page - Texas Instruments LM5177DCPR Datasheet HTML 5Page - Texas Instruments LM5177DCPR Datasheet HTML 6Page - Texas Instruments LM5177DCPR Datasheet HTML 7Page - Texas Instruments LM5177DCPR Datasheet HTML 8Page - Texas Instruments LM5177DCPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 60 page
background image
Table of Contents
1 Features............................................................................1
2 Applications..................................................................... 1
3 Description.......................................................................1
4 Pin Configuration and Functions...................................3
5 Specifications.................................................................. 6
5.1 Absolute Maximum Ratings........................................ 6
5.2 Handling Ratings.........................................................6
5.3 Recommended Operating Conditions.........................7
5.4 Thermal Information....................................................7
5.5 Electrical Characteristics.............................................8
5.6 Typical Characteristics.............................................. 13
6 Parameter Measurement Information.......................... 17
6.1 Gate Driver Rise Time and Fall Time........................17
6.2 Gate Driver Dead (Transition) Time.......................... 17
7 Detailed Description......................................................18
7.1 Overview................................................................... 18
7.2 Functional Block Diagram......................................... 18
7.3 Feature Description...................................................18
7.4 Device Functional Modes..........................................35
8 Application and Implementation.................................. 38
8.1 Application Information............................................. 38
8.2 Typical Application.................................................... 38
9 Power Supply Recommendations................................48
10 Layout...........................................................................49
10.1 Layout Guidelines................................................... 49
10.2 Layout Example...................................................... 50
11 Device and Documentation Support..........................51
11.1 Device Support........................................................51
11.2 Receiving Notification of Documentation Updates.. 51
11.3 Support Resources................................................. 51
11.4 Trademarks............................................................. 51
11.5 Electrostatic Discharge Caution.............................. 51
11.6 Glossary.................................................................. 51
12 Revision History.......................................................... 52
13 Mechanical, Packaging, and Orderable
Information.................................................................... 52
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
www.ti.com
2
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com