Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177DCPR Datasheet(PDF) 47 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 47 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 43Page - Texas Instruments LM5177DCPR Datasheet HTML 44Page - Texas Instruments LM5177DCPR Datasheet HTML 45Page - Texas Instruments LM5177DCPR Datasheet HTML 46Page - Texas Instruments LM5177DCPR Datasheet HTML 47Page - Texas Instruments LM5177DCPR Datasheet HTML 48Page - Texas Instruments LM5177DCPR Datasheet HTML 49Page - Texas Instruments LM5177DCPR Datasheet HTML 50Page - Texas Instruments LM5177DCPR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 60 page
background image
Output Current (A)
0.01
0.02
0.05
0.1
0.2 0.3 0.50.7 1
2
3 4 5 6
0
10
20
30
40
50
60
70
80
90
100
fPWM
PSM
Figure 8-12. Efficiency Versus IO in Boost Mode
(VIN = 5 V, Vo = 12 V)
Output Current (A)
0.01
0.02
0.05
0.1
0.2 0.3 0.50.7 1
2
3 4 5 6
0
10
20
30
40
50
60
70
80
90
100
fPWM
PSM
Figure 8-13. Efficiency Versus IO in Buck-Boost
Mode
VIN = 12 V, Vo = 12 V)
Output Current (A)
0.01
0.02
0.05
0.1
0.2 0.3 0.50.7 1
2
3 4 5 6
0
10
20
30
40
50
60
70
80
90
100
fPWM
PSM
Figure 8-14. Efficiency Versus IO in Buck Mode
VIN = 24 V, Vo = 12 V)
Input Voltage (V)
12
17
22
27
32
37
42
47
92
92.5
93
93.5
94
94.5
95
95.5
96
96.5
97
97.5
98
98.5
99
Power Save Mode Disabled
Power Save Mode Enabled
Figure 8-15. Efficiency Versus VIN
(Vo = 24 V, IO = 5 A)
www.ti.com
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
47
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com