Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177DCPR Datasheet(PDF) 9 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 5Page - Texas Instruments LM5177DCPR Datasheet HTML 6Page - Texas Instruments LM5177DCPR Datasheet HTML 7Page - Texas Instruments LM5177DCPR Datasheet HTML 8Page - Texas Instruments LM5177DCPR Datasheet HTML 9Page - Texas Instruments LM5177DCPR Datasheet HTML 10Page - Texas Instruments LM5177DCPR Datasheet HTML 11Page - Texas Instruments LM5177DCPR Datasheet HTML 12Page - Texas Instruments LM5177DCPR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
Typical values correspond to TJ=25°C. Minimum and maximum limits apply over TJ=-40°C to 125℃. Unless otherwise stated,
V(BIAS) =12 V
PARAMETER
MIN
TYP
MAX UNIT
VT+(SYNC)
Sync input positive going threshold
1.19
V
VT-(SYNC)
Sync input negative going threshold
0.41
V
Sync activity detection frequency
99
kHz
td(Det,Sync)
Sync activity detection delay
referred to f(SYNC)
3
cycle
s
Sync PLL lock time
referred to f(SYNC)
until f(SYNC) - 5% < f(sw)
< f(SYNC) + 5%
10
cycle
s
SOFT-START
I(SS)
Soft-start current
8.9
10
11
uA
SS pull-down switch RDS(on)
V(SS) = 1 V
23
40
Ω
td(DISCH;SS) SS Pin discharge time
Time from internal SS
discharge until the soft-
start current can charge
the pin again
500
µs
td(EN_SS)
SS Pin charge delay time
Internal delay until soft-
start current starts
2.5
4
µs
V(SS,clamp)
Clamp Voltage for SS pin
3
4.1
5.25
V
PULSE WIDTH MODULATION
Switching frequency
RRT = 49.9 kΩ
540
600
660 kHz
Switching frequency
RRT = 316 kΩ
90
100
110 kHz
Minimum controllable on-time
fPWM, RRT = 49.9 kΩ
Boost Mode
154
ns
Buck Mode
197
ns
Minimum controllable off-time
Boost Mode
207
ns
Buck Mode
210
ns
RT regulation voltage
0.75
V
SPREAD SPECTRUM
Switching frequency modulation range
upper limit
7.8
%
lower limit
–7.8
%
VOUT TRACKING
VT+(DTRK)
DTRK positive-going threshold
V(DTRK) rising
1.19
V
VT-(DTRK)
DTRK negative-going threshold
V(DTRK) falling
0.41
V
DTRK activity detection frequency
148
kHz
td(Det,DTRK)
DTRK activity detection delay
referred to f(DTRK)
3
cycle
s
fc(LPF)
Corner frequency of
internal low pass
26
35
58 kHz
V(REF)voltage offset error
f(DTRK) = 500kHz, duty =
50%
±10 mV
MODE SELECTION
VT+(MODE)
Mode input positive going threshold
1.19
V
VT-(MODE)
Mode input negative going threshold
0.41
V
CURRENT SENSE
Positive peak
current limit threshold
38.5
50
58.5 mV
Negative peak current
limit threshold
–61.6
–50
–40.5 mV
PSM entry threshold
PSM ENTRY = 10 %
0.8
5.0
9.7 mV
www.ti.com
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com