Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177DCPR Datasheet(PDF) 1 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 1 Page - Texas Instruments

  LM5177DCPR Datasheet HTML 1Page - Texas Instruments LM5177DCPR Datasheet HTML 2Page - Texas Instruments LM5177DCPR Datasheet HTML 3Page - Texas Instruments LM5177DCPR Datasheet HTML 4Page - Texas Instruments LM5177DCPR Datasheet HTML 5Page - Texas Instruments LM5177DCPR Datasheet HTML 6Page - Texas Instruments LM5177DCPR Datasheet HTML 7Page - Texas Instruments LM5177DCPR Datasheet HTML 8Page - Texas Instruments LM5177DCPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
1 Features
• Wide input range from 3.5V to 60V (85V absolute
maximum)
– Minimum 2.8V when V(BIAS) > 3.5V
• Output voltage from 3.3V to 60V
• Low shutdown IQ of 3μA
• Low operating IQ of 60μA
• 3% reverse current limit accuracy for precise
charging currents
• Average input and output current monitor or limiter
• Dynamic output voltage tracking for PWM or
analog input signals
• Power save mode (PSM) selectable for high light
load efficiency
• Two integrated high-voltage supply LDOs with
automatic selection
• 2A peak current logic level gate driver
– Integrated bootstrap diode
– Bootstrap overvoltage and undervoltage
protection
• Fixed frequency across all operating modes
(boost, buck-boost, buck)
– Forced PWM mode selectable
– Switching up to 600kHz for small solution and
component size
– External clock synchronization
• Spread spectrum operation selectable
• Adjustable undervoltage protection
• Hiccup overcurrent and short protection
2 Applications
• Non-isolated DC/DC supply (merchant DC/DC,
remote radio unit, motor drive control)
• Backup power systems (battery backup, fire
safety)
• Industrial PC (single board computer)
• Medical PSU (oxygen concentrator)
• Power over ethernet (router)
• Solar power (solar charge controller)
3 Description
The LM5177 is a four switch buck-boost controller.
The device provides a regulated output voltage if
the input voltage is higher, equal, or lower than the
adjusted output voltage. In power save mode, the
device supports high efficiency with low output loads
due to its low quiescence currents. The LM5177
runs at a fixed switching frequency, which can be
set through the RT or SYNC pin. The switching
frequency remains the same during buck, boost, and
buck-boost operation. The integrated and optional
average current monitor can help monitor and limit
input and output current of the LM5177. This feature
also supports charging backup power elements, like
batteries or capacitors, with constant current (CC) and
constant voltage (CV).
Package Information
Part Number
Package (1)
Body Size (NOM)
LM5177
DCP038
9.7mm × 4.4mm
(1)
For all available packages, see the orderable addendum at
the end of the data sheet.
Input Voltage (V)
6
8
10
12
14
16
18
20
22
24
26
28
30
32
90
91
92
93
94
95
96
97
98
99
100
10
D002
V(VIN) falling
V(VIN) rising
Efficiency vs Input Voltage (IO = 4.5A)
nFLT
SYNC
MODE
CFG
SLO PE
DTRK
nFLT
SYNC
MODE
CFG
SLO PE
DTRK
HO1
LO1
VCC
LO2
HO2
HB2
SW2
PGND
HO1
LO1
VCC
LO2
HO2
HB2
SW2
PGND
nFLT
SYNC
MODE
CFG
SLO PE
DTRK
HO1
LO1
VCC
LO2
HO2
HB2
SW2
PGND
HO2
HO2
LO2
VOUT
SW1
VCC
VCC
VOUT
VIN
VIN
LO2
SW2
SW1
VBIAS
VBIAS
VIN
VIN
SW2
Simplified Schematic
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM5177DCPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5177DCPR TI1-LM5177DCPR Datasheet
2Mb / 62P
LM5177 60-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED AUGUST 2023
More results

Similar Description - LM5177DCPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM5175 TI1-LM5175 Datasheet
1Mb / 38P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5175-Q1 TI1-LM5175-Q1 Datasheet
1Mb / 37P
42 V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176 Datasheet
1Mb / 37P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176-Q1 TI1-LM5176-Q1 Datasheet
1Mb / 38P
55-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM34936 TI1-LM34936 Datasheet
1Mb / 39P
30-V Wide VIN Synchronous 4-Switch Buck-Boost Controller
LM5176 TI1-LM5176_19 Datasheet
2Mb / 37P
55-V Wide VIN synchronous 4-switch buck-boost controller
LM5177 TI-LM5177 Datasheet
2Mb / 52P
LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
JUNE 2022
LM5177 TI-LM5177_V01 Datasheet
2Mb / 54P
LM5177 80-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED OCTOBER 2022
logo
Renesas Technology Corp
ISL81601 RENESAS-ISL81601 Datasheet
2Mb / 54P
60V Bidirectional 4-Switch Synchronous Buck-Boost Controller
May 27, 2021
logo
Texas Instruments
LM5177 TI1-LM5177_V02 Datasheet
2Mb / 62P
LM5177 60-V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com