Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177DCPR Datasheet(PDF) 52 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 52 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 48Page - Texas Instruments LM5177DCPR Datasheet HTML 49Page - Texas Instruments LM5177DCPR Datasheet HTML 50Page - Texas Instruments LM5177DCPR Datasheet HTML 51Page - Texas Instruments LM5177DCPR Datasheet HTML 52Page - Texas Instruments LM5177DCPR Datasheet HTML 53Page - Texas Instruments LM5177DCPR Datasheet HTML 54Page - Texas Instruments LM5177DCPR Datasheet HTML 55Page - Texas Instruments LM5177DCPR Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
12 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision E (August 2024) to Revision F (January 2025)
Page
• Added missing denominator in Formula........................................................................................................... 39
• Updated Equation 22 .......................................................................................................................................40
Changes from Revision D (August 2023) to Revision E (August 2024)
Page
• Removed misleading sentence from MODE pin description: "If this function is not used, connect the pin to
VCC or GND.".....................................................................................................................................................3
• Adjusted max parameter value for HB1 to SW1 and HB2 to SW2 from 7.8V to 6.4V........................................6
• Changed reference to PGND and fixed lower limit for LO1, LO2, to PGND (DC) from -5V to -0.3V ................ 6
• Added HOx to SWx parameter........................................................................................................................... 6
• Fixed title of Figure 6-20...................................................................................................................................13
• Updated description for the enter condition of Buck-Boost mode (Buck and Boost mode entry was
swapped).......................................................................................................................................................... 20
• Use upper case D for duty cycle ..................................................................................................................... 24
• Updated calculation of CSA/CSB filter to use minimum ontime....................................................................... 27
• Aligned R_CFG setting 3 with value in Recommended Operating Conditions.................................................31
• Fixed link to Quickstart Calculator.................................................................................................................... 38
Changes from Revision C (May 2023) to Revision D (August 2023)
Page
• Updated device status to catalog release...........................................................................................................1
• Adjusted min Vin and Iout for design example................................................................................................. 39
• Changed RT/SYNC to RT.................................................................................................................................39
• Updated FB Pin Resistor table to show components with 3 digits values........................................................39
• Updated Inductor and Current Sense Resistor selection chapter.................................................................... 40
• Replaced "slope capacitor" with "slope resistor".............................................................................................. 40
• Updated minimum Vin for UVLO Resistor calculation...................................................................................... 41
• Added reference to MOSFET in schematic...................................................................................................... 42
• Added reference to MOSFET in schematic...................................................................................................... 42
• Adjusted components to updated design parameters...................................................................................... 43
• Adjusted components to updated design parameters...................................................................................... 44
Changes from Revision B (December 2022) to Revision C (May 2023)
Page
• Changed the device status from Advance Information to Production Data........................................................ 1
• Added Section for peak current sensor............................................................................................................ 27
13 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
www.ti.com
52
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com