Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177DCPR Datasheet(PDF) 33 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 29Page - Texas Instruments LM5177DCPR Datasheet HTML 30Page - Texas Instruments LM5177DCPR Datasheet HTML 31Page - Texas Instruments LM5177DCPR Datasheet HTML 32Page - Texas Instruments LM5177DCPR Datasheet HTML 33Page - Texas Instruments LM5177DCPR Datasheet HTML 34Page - Texas Instruments LM5177DCPR Datasheet HTML 35Page - Texas Instruments LM5177DCPR Datasheet HTML 36Page - Texas Instruments LM5177DCPR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 60 page
background image
7.3.18 Gate Driver
The LM5177 features four internal logic-level nMOS gate drivers. The drivers maintain the high frequency
switching of both half bridges needed for a buck-boost operation. If the device is in boost or buck mode, the
other half bridge high-side switch needs to be permanent on. The internal gate drivers support this by sharing
the current from the other half bridge, which is switching. Therefore, a minimum of quiescent current can be
assured as no additional char pump is needed. Due to the high drive current, it can support a wide range of
external power FETs as well as a parallel operation of them.
The LO and HO outputs are protected with a shoot-through protection, which ensures that both outputs are not
turned on at the same time. If the PWM modulation logic of the buck-boost turns the LOx pin off, the HOx pin is
not turned on until the following are all true (AND not OR) true:
1. A minimum internal transition time (tt(dead)) is reached.
2. The voltage on the LOx pin drops below the detection threshold VTH(GATEOUT).
This behavior is maintained and vice versa if the HOx pin turns off first.
The high-side supply voltage for the gate driver are monitored by an additional bootstrap UVLO comparator. This
comparator monitors the differential voltage between SWx and HBx. If the voltage drops below the threshold the
buck-boost converter operation turns off. The device restarts automatically once the positive going threshold is
reached with the soft-start scheme.
Additionally, the LM5177 monitors the upper voltage between SWx and HBx. If this voltage exceeds the
threshold voltage of the clamping circuit, it activates a internal current source to pull the voltage down.
www.ti.com
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com