Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177DCPR Datasheet(PDF) 39 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 39 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 35Page - Texas Instruments LM5177DCPR Datasheet HTML 36Page - Texas Instruments LM5177DCPR Datasheet HTML 37Page - Texas Instruments LM5177DCPR Datasheet HTML 38Page - Texas Instruments LM5177DCPR Datasheet HTML 39Page - Texas Instruments LM5177DCPR Datasheet HTML 40Page - Texas Instruments LM5177DCPR Datasheet HTML 41Page - Texas Instruments LM5177DCPR Datasheet HTML 42Page - Texas Instruments LM5177DCPR Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
8.2.1 Design Requirements
Table 8-1 shows the intended input, output, and performance parameters for a typical design example.
Table 8-1. Design Parameters
Parameter
Value
VI minimum
6V
VI typical = VI start-up
13.5V
VI maximum
36V
VO nominal
16V
PO maximum
128W
8.2.2 Detailed Design Procedure
8.2.2.1 Custom Design with WEBENCH Tools
Click here to create a custom design using the LM5177 device with the WEBENCH® Power Designer.
1. Start by entering your VIN, VOUT and IOUT requirements.
2. Optimize your design for key parameters like efficiency, footprint and cost using the optimizer dial and
compare this design with other possible solutions from Texas Instruments.
3. WEBENCH Power Designer provides you with a customized schematic along with a list of materials with real
time pricing and component availability.
4. In most cases, you will also be able to:
• Run electrical simulations to see important waveforms and circuit performance,
• Run thermal simulations to understand the thermal performance of your board,
• Export your customized schematic and layout into popular CAD formats,
• Print PDF reports for the design, and share your design with colleagues.
5. Get more information about WEBENCH tools at www.ti.com/webench.
8.2.2.2 Frequency
The switching frequency of LM5177 is set by an RT resistor connected from the RT pin to AGND. The RT resistor
required to set the desired frequency is calculated using Equation 17. A 1% standard resistor of 78.7 kΩ is
selected for fSW = 400 kHz.
RRT = 1fsw−20ns ×30.3GΩs
(17)
8.2.2.3 Feedback Divider
The feedback voltage divider is found with Equation 18:
RFB,top= VVOUT −VREF
VREF ×RFB,bot
(18)
For the 16V output, an upper resistor of 71.5kΩ and a lower resistor of 4.7kΩ have been selected.
Table 8-2 shows an overview of a possible selection for the feedback divider resistors over common output
voltages.
Table 8-2. FB Pin Resistor Divider Examples with RFB,top = 71.5kΩ
VO – Target
RFB,bot – Calculation
RFB,bot – E48 Series
VO Nominal
Error from FB Resistor
5V
17.9kΩ
17.8kΩ
5.02V
0.3%
9V
8.94kΩ
9.09kΩ
8.87V
–1.5%
12V
6.50kΩ
6.49kΩ
12.02V
0.1%
16V
4.77kΩ
4.87kΩ
15.68V
–2.0%
24V
3.11kΩ
3.16kΩ
23.63V
–1.6%
www.ti.com
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com