Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177DCPR Datasheet(PDF) 13 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 9Page - Texas Instruments LM5177DCPR Datasheet HTML 10Page - Texas Instruments LM5177DCPR Datasheet HTML 11Page - Texas Instruments LM5177DCPR Datasheet HTML 12Page - Texas Instruments LM5177DCPR Datasheet HTML 13Page - Texas Instruments LM5177DCPR Datasheet HTML 14Page - Texas Instruments LM5177DCPR Datasheet HTML 15Page - Texas Instruments LM5177DCPR Datasheet HTML 16Page - Texas Instruments LM5177DCPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 60 page
background image
5.6 Typical Characteristics
The following conditions apply (unless otherwise noted): TJ = 25°C; V(VCC) = 5V
RT-pin Resistor(k )
0
40
80
120
160
200
240
280
320
360
400
60
120
180
240
300
360
420
480
540
600
Figure 5-1. Switching Frequency Versus RT Resistance
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
360
368
376
384
392
400
408
416
424
432
440
Figure 5-2. Switching Frequency Versus Temperature R(RT) = 75
kΩ
VCC load current [mA]
0
40
80 120 160 200 240 280 320 360 400 440 480
4.5
4.6
4.7
4.8
4.9
5
5.1
Figure 5-3. VIN LDO - VCC Voltage versus VCC Load Current
VIN voltage (V)
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
Figure 5-4. VIN LDO - VCC Voltage versus VIN Voltage
I(VCC) = 20 mA
VCC load current [mA]
0
60
120
180
240
300
360
420
480
4.5
4.6
4.7
4.8
4.9
5
5.1
Figure 5-5. BIAS LDO - VCC Voltage versus VCC Load Current
BIAS voltage (V)
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
5.3
5.5
3.3
3.5
3.7
3.9
4.1
4.3
4.5
4.7
4.9
5.1
Figure 5-6. BIAS LDO - VCC Voltage versus BIAS Voltage
I(VCC) = 50 mA
www.ti.com
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com