Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177DCPR Datasheet(PDF) 4 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 4 Page - Texas Instruments

  LM5177DCPR Datasheet HTML 1Page - Texas Instruments LM5177DCPR Datasheet HTML 2Page - Texas Instruments LM5177DCPR Datasheet HTML 3Page - Texas Instruments LM5177DCPR Datasheet HTML 4Page - Texas Instruments LM5177DCPR Datasheet HTML 5Page - Texas Instruments LM5177DCPR Datasheet HTML 6Page - Texas Instruments LM5177DCPR Datasheet HTML 7Page - Texas Instruments LM5177DCPR Datasheet HTML 8Page - Texas Instruments LM5177DCPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 60 page
background image
Table 4-1. Pin Functions LM5177 (continued)
Pin
Type(1)
Description
Name
No.
EN/UVLO
4
I
Enable pin. The pin enables or disables the device. If the pin is less than 0.6 V, the device shuts
down. The pin must be raised above 0.65 V to enable the device. This pin is the enable pin for
the device internal reference circuit and input voltage UVLO comparator input.
FB
19
I
Feedback pin for output voltage regulation. Connect a resistor divider network from the output of
the converter to the FB pin.
HB1
35
P
Bootstrap supply pin for buck half-bridge. An external capacitor is required between the HB1 pin
and the SW1 pin, respectively, to provide bias to the high-side MOSFET gate driver.
HO1
34
O
High-side gate driver output for the buck half-bridge
HO1_LL
8
O
Logic level output of the HO1 gate signal. Connect this ground reference PWM signal to an
optional external gate-driver input. If the function is not used, make no external connection to this
pin.
HB2
26
P
Bootstrap supply pin for boost half-bridge. An external capacitor is required between the HB2 pin
and the SW2 pin, respectively, to provide bias to the high-side MOSFET gate driver.
HO2
27
O
High-side gate driver output for the boost half-bridge
HO2_LL
9
O
Logic level output of the HO2 gate signal. Connect this ground reference PWM signal to an
optional external gate-driver input. If the function is not used, make no external connection to this
pin.
IMONOUT
6
O
Current monitor output pin. Output of the voltage-controlled current source of the optional current
monitor. Connect the pin to a resistor to sense the voltage across. If the output or input current
sense amplifier is configured as current limiter, an external RC network connected between
IMONOUT and AGND compensates the regulator of the current feedback loop.
Connect the IMONOUT pin to VCC to disable the block and reduce the quiescent current
ISNSN
22
I
Negative sense input of the output or input current sense amplifier. An optional current sense
resistor connected between ISNSN and ISNSP can be located either on the input side or on the
output side of the power stage.
In case the current monitor is disabled connect ISNSN to ground
ISNSP
23
I
Positive sense input of the output or input current sense amplifier. An optional current sense
resistor connected between ISNSN and ISNSP can be located either on the input side or on the
output side of the power stage.
In case the current monitor is disabled connect ISNSN to ground
LO1
32
O
Low-side gate driver output for the buck half-bridge
LO2
29
O
Low-side gate driver output for the boost half-bridge
MODE
12
I
Digital input to select device operation mode. If the pin is pulled low, power save mode (PSM) is
enabled. If the pin is pulled high, the forced PWM or CCM operation is enabled. The configuration
can be changed dynamically during operation. Do not leave this pin floating.
NC
2
NC
No internal connection
NC
5
NC
No internal connection
NC
21
NC
No internal connection
NC
24
NC
No internal connection
NC
28
NC
No internal connection
NC
33
NC
No internal connection
nFLT
7
O
Open-drain output pin for fault indication or power good. This pin is pulled low when FB is outside
a ±10% regulation window around the regulation window of the nominal output voltage.
If the nFLT pin function is not used the pin can be kept floating.
PowerPAD
PAD
G
Connect the PowerPAD to the analog ground. Use thermal vias to connect to a PCB ground plane
for improved power dissipation.
PGND
30
G
Power ground. This pin is the high current ground connection to the low-side gate drivers and for
the internal VCC regulator.
RT
15
I/O
Switching frequency programming pin. An external resistor is connected to the RT pin and AGND
to set the switching frequency.
SLOPE
14
I
A resistor connected between the SLOPE pin and AGND provides the slope compensation ramp
for stable current mode operation in both buck and boost mode.
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
www.ti.com
4
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com