Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177DCPR Datasheet(PDF) 30 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 30 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 26Page - Texas Instruments LM5177DCPR Datasheet HTML 27Page - Texas Instruments LM5177DCPR Datasheet HTML 28Page - Texas Instruments LM5177DCPR Datasheet HTML 29Page - Texas Instruments LM5177DCPR Datasheet HTML 30Page - Texas Instruments LM5177DCPR Datasheet HTML 31Page - Texas Instruments LM5177DCPR Datasheet HTML 32Page - Texas Instruments LM5177DCPR Datasheet HTML 33Page - Texas Instruments LM5177DCPR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 60 page
background image
nFLT
BUBO_EN
Log ic
And
De-glitch
PG
___ _____ __
R2D_DONE
___ _____ ___
BOO T_ DO NE
OVP 1
OVP 2
UVLO
CL_OCP
___
PG
TSD
BOO T_ ERR
Figure 7-17. Functional Block Diagram nFLT-pin Logic
Thermal Shutdown (TSD)
To avoid the case of a thermal damage of the device the die temperature of the die is monitored. The device will
stop operation once the sensed temperature rises over the thermal shutdown threshold. After the temperature
drops below the thermal shutdown hysteresis the TSD signal goes back to normal and the converter will return to
normal operation according to the main FSM definition.
Over Current or Short Circuit Protection
The device features a hiccup mode short circuit protection to avoid excessive power dissipation in the die or at
the fault of the application in the System. The OCP triggers if the peak current sensing voltage between CSA-pin
and CSB-pin is exceeded.
The protection feature will stop and restart the converter operation in case of a short is event is detected.
Output Over Voltage Protection 1 (OVP1)
This over voltage protection monitors the voltage of the FB-pin.
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
www.ti.com
30
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com