Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177DCPR Datasheet(PDF) 40 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 40 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 36Page - Texas Instruments LM5177DCPR Datasheet HTML 37Page - Texas Instruments LM5177DCPR Datasheet HTML 38Page - Texas Instruments LM5177DCPR Datasheet HTML 39Page - Texas Instruments LM5177DCPR Datasheet HTML 40Page - Texas Instruments LM5177DCPR Datasheet HTML 41Page - Texas Instruments LM5177DCPR Datasheet HTML 42Page - Texas Instruments LM5177DCPR Datasheet HTML 43Page - Texas Instruments LM5177DCPR Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
Table 8-2. FB Pin Resistor Divider Examples with RFB,top = 71.5kΩ (continued)
VO – Target
RFB,bot – Calculation
RFB,bot – E48 Series
VO Nominal
Error from FB Resistor
28V
2.65kΩ
2.61kΩ
28.39V
1.4%
36V
2.04kΩ
2.05kΩ
35.88V
–0.3%
42V
1.74kΩ
1.78kΩ
41.17V
–2.0%
48V
1.5kΩ
1.5kΩ
47.43V
–1.2%
60V
1.2kΩ
1.2kΩ
60.09V
0.2%
8.2.2.4 Inductor and Current Sense Resistor Selection
For boost mode, the inductor selection is based on limiting the peak-to-peak current ripple, ΔIL, to approximately
20% of the maximum inductor current at the minimum input voltage. The target inductance for boost mode is:
LBOOST=  VINMIN
2 × VOUT−VINMIN
0.2× IOUTMAX × fSW× VOUT2= 2.21μH
(19)
For this application, an inductor with 1.8 μH was selected.
When selecting the current sense resistor it needs to be ensured the peak inductor current will not hit the over
current limit at maximum output current. For that the peak inductor current needs to be calculated with the sum
of the average and ripple current through the inductor.
The maximum peak to peak inductor current occurs at minimum input voltage and is given by:
ILPEAK,PEAK = 1−VINMINVOUT ×VINMIN
L×fSW =5.23 A
(20)
The average input current at the maximum output current with an estimated efficiency of 95% is calculated by:
IIN,AVGMAX =VOUT×IOUTMAX
95%×VINMIN =22.5 A
(21)
For the current sense Resistor a margin of 20% is considered to have enough headroom for the dymamic
responses, e.g. load step regulation. To ensure the maximum output current can be delivered the mimium level
of the peak current limit threshold is used.
RCS=
38.5 mV
IIN,AVGMAX +12ILPEAK,PEAK ×1.2=1.28 mΩ
(22)
The standard value of RCS = 1 mΩ with 3 times 3 mΩ is selected. With the 3 resistors in parallel it also reduces
the parasitic inductance.
The maximum power dissipation in RCS happens at VIN(MAX):
PRCSMAX =  58.5 mVRCS 2× RCS×  1− VOUT
VINMAX = 1.90W
(23)
Therefore, for the 3 resistors in parallel a sense resistor with 1-W power rating is sufficient for this application.
A filter network to attenuate noise in the CSA and CSB sense lines should be added. For most applications it is
recommended to use a filter resistance RDIFF1 and RDIFF2 of 10 Ω. The capacitance CDIFF for the filter can be
calculated with Equation 15. In this configuration 180pF is used.
8.2.2.5 Slope Compensation
For stable current loop operation and to avoid subharmonic oscillations, the slope resistor must be selected
based on Equation 24:
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
www.ti.com
40
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com