Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177DCPR Datasheet(PDF) 48 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 48 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 44Page - Texas Instruments LM5177DCPR Datasheet HTML 45Page - Texas Instruments LM5177DCPR Datasheet HTML 46Page - Texas Instruments LM5177DCPR Datasheet HTML 47Page - Texas Instruments LM5177DCPR Datasheet HTML 48Page - Texas Instruments LM5177DCPR Datasheet HTML 49Page - Texas Instruments LM5177DCPR Datasheet HTML 50Page - Texas Instruments LM5177DCPR Datasheet HTML 51Page - Texas Instruments LM5177DCPR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 60 page
background image
9 Power Supply Recommendations
The LM5177 is designed to operate over a wide input voltage range. The characteristics of the input supply must
be compatible with the Absolute Maximum Ratings and Recommended Operating Conditions. In addition, the
input supply must be capable of delivering the required input current to the fully loaded regulator. Use Equation
48 to estimate the average input current.
II= POVI η
(48)
where
• η the efficiency.
One way to get a value for the efficiency is the data from the efficiency graphs in Section 8.2.3 in the worst case
operation mode. For most applications, the boost operation is the region of highest input current.
If the device is connected to an input supply through long wires or PCB traces with a large impedance, take
special care to achieve stable performance. The parasitic inductance and resistance of the input cables can
have an adverse effect on converter operation. The parasitic inductance in combination with the low-ESR
ceramic input capacitors form an under-damped resonant circuit. This circuit can cause overvoltage transients
at VIN each time the input supply is cycled ON and OFF. The parasitic resistance causes the input voltage to
dip during a load transient. One way to solve such issues is to reduce the distance from the input supply to the
regulator and use an aluminum or tantalum input capacitor in parallel with the ceramics. The moderate ESR of
the electrolytic capacitors helps to damp the input resonant circuit and reduce any voltage overshoots. An EMI
input filter is often used in front of the controller power stage. Unless carefully designed, it can lead to instability
as well as some of the previously mentioned affects.
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
www.ti.com
48
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com