Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177DCPR Datasheet(PDF) 43 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 43 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 39Page - Texas Instruments LM5177DCPR Datasheet HTML 40Page - Texas Instruments LM5177DCPR Datasheet HTML 41Page - Texas Instruments LM5177DCPR Datasheet HTML 42Page - Texas Instruments LM5177DCPR Datasheet HTML 43Page - Texas Instruments LM5177DCPR Datasheet HTML 44Page - Texas Instruments LM5177DCPR Datasheet HTML 45Page - Texas Instruments LM5177DCPR Datasheet HTML 46Page - Texas Instruments LM5177DCPR Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 60 page
background image
The rise (tr) and the fall (tf) times can be based on the MOSFET data sheet information or measured in the lab.
Typically, a MOSFET with smaller RDSON (lower conduction loss) has longer rise and fall times (larger switching
loss).
The power loss in QH2 in the boost mode of operation is shown in Equation 38:
PCONDQH2 = VINVOUT× IOUT×VOUTVIN 2×RDS,OnQH2
(38)
8.2.2.12 Frequency Compensation
This section presents the control loop compensation design procedure for the LM5177 buck-boost controller. The
LM5177 operates mainly in buck or boost modes, separated by a transition region, and therefore, the control
loop design is done for both buck and boost operating modes. Then, a final selection of compensation is made
based on the mode that is more restrictive from a loop stability point of view. Typically, for a converter designed
to go deep into both buck and boost operating regions, the boost compensation design is more restrictive due to
the presence of a right half plane zero (RHPZ) in boost mode.
The boost power stage output pole location is given by:
fp1boost = 12π 2
ROUT× COUT = 1.22 kHz
(39)
where
• ROUT = 2.0 Ω corresponds to the maximum load of 8.0 A.
The boost power stage ESR zero location is given by:
fz1= 12π 1
RESR× COUT = 61.2 kHz
(40)
The boost power stage RHP zero location is given by:
fRHP= 12π ROUT×1−DMAX2
L1 = 24.87 kHz
(41)
where
• DMAX is the maximum duty cycle at the minimum VIN.
The buck power stage output pole location is given by:
fp1buck = 12π 1
ROUT× COUT =612 Hz
(42)
The buck power stage ESR zero location is the same as the boost power stage ESR zero.
It is clear from Equation 43 that RHP zero is the main factor limiting the achievable bandwidth. For a robust
design, the crossover frequency must be less than 1/3 of the RHP zero frequency. Given the position of the RHP
zero, a reasonable target bandwidth in boost operation is around 5 kHz:
fbw= 5 kHz
(43)
For some power stages, the boost RHP zero may not be as restrictive, which happens when the boost maximum
duty cycle (DMAX) is small, or when a really small inductor is used. In those cases, compare the limits posed
by the RHP zero (fRHP / 3) with 1/20 of the switching frequency and use the smaller of the two values as the
achievable bandwidth.
www.ti.com
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
43
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com