Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177DCPR Datasheet(PDF) 46 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 46 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 42Page - Texas Instruments LM5177DCPR Datasheet HTML 43Page - Texas Instruments LM5177DCPR Datasheet HTML 44Page - Texas Instruments LM5177DCPR Datasheet HTML 45Page - Texas Instruments LM5177DCPR Datasheet HTML 46Page - Texas Instruments LM5177DCPR Datasheet HTML 47Page - Texas Instruments LM5177DCPR Datasheet HTML 48Page - Texas Instruments LM5177DCPR Datasheet HTML 49Page - Texas Instruments LM5177DCPR Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
Figure 8-6. Inductor current boost operation
(MODE = 0 V, Vo = 12 V, Io = 10 mA, V(VIN) = 6 V)
Figure 8-7. Inductor current buck-boost operation
(MODE = 0 V, Vo = 12 V, Io = 10 mA, V(VIN) = 12 V)
Figure 8-8. Inductor current buck operation
(MODE = 0 V, Vo = 12 V, Io = 10 mA, V(VIN) = 24 V)
Figure 8-9. Input voltage ramp from 6V to 24V
(MODE = V(VCC), Vo = 12 V, Io = 6A
Output Current (A)
0.01
0.02
0.05
0.1
0.2 0.3 0.50.7 1
2
3 4 5 6
36
42
48
54
60
66
72
78
84
90
96
V(VIN) = 5 V
V(VIN) = 12 V
V(VIN) = 24 V
Figure 8-10. Efficiency Versus IO
(MODE = 0V Vo = 12 V)
Output Current (A)
0.01
0.02
0.05
0.1
0.2 0.3 0.50.7 1
2
3 4 5 6
0
6
12
18
24
30
36
42
48
54
60
66
72
78
84
90
96
V(VIN) = 5 V
V(VIN) = 12 V
V(VIN) = 24 V
Figure 8-11. Efficiency Versus IO
(MODE = VCC Vo = 12 V)
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
www.ti.com
46
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com