Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177DCPR Datasheet(PDF) 32 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 28Page - Texas Instruments LM5177DCPR Datasheet HTML 29Page - Texas Instruments LM5177DCPR Datasheet HTML 30Page - Texas Instruments LM5177DCPR Datasheet HTML 31Page - Texas Instruments LM5177DCPR Datasheet HTML 32Page - Texas Instruments LM5177DCPR Datasheet HTML 33Page - Texas Instruments LM5177DCPR Datasheet HTML 34Page - Texas Instruments LM5177DCPR Datasheet HTML 35Page - Texas Instruments LM5177DCPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 60 page
background image
Table 7-1. CFG Pin Configuration Overview
#
R(CFG) / kΩ
DRSS
SCP – Hiccup Mode
PSM Entry Threshold
Current Limit
1
0
DISABLED
DISABLED
10%
DISABLED
2
0.511
ENABLED
DISABLED
3
1.15
DISABLED
ENABLED
4
1.9
ENABLED
ENABLED
5
2.7
DISABLED
DISABLED
10%
ENABLED
6
3.8
ENABLED
DISABLED
7
5.1
DISABLED
ENABLED
8
6.5
ENABLED
ENABLED
9
8.3
DISABLED
DISABLED
15%
DISABLED
10
10.5
ENABLED
DISABLED
11
13.3
DISABLED
ENABLED
12
16.2
ENABLED
ENABLED
13
20.5
DISABLED
DISABLED
15%
ENABLED
14
24.9
ENABLED
DISABLED
15
30.1
DISABLED
ENABLED
16
36.5
ENABLED
ENABLED
7.3.17 Dual Random Spread Spectrum – DRSS
The device provides a digital spread spectrum, which reduces the EMI of the power supply over a wide
frequency range. This function is enabled by the CFG pin. When the spread spectrum is enabled, the internal
modulator dithers the internal clock. When an external synchronization clock is applied to the SYNC pin, the
internal spread spectrum is disabled. DRSS combines a low frequency triangular modulation profile with a
high frequency cycle-by-cycle random modulation profile. The low frequency triangular modulation improves
performance in lower radio frequency bands (for example, AM band), while the high frequency random
modulation improves performance in higher radio frequency bands (for example, FM band). In addition, the
frequency of the triangular modulation is further modulated randomly to reduce the likelihood of any audible
tones. To minimize output voltage ripple caused by spread spectrum, duty cycle is modified on a cycle-by-cycle
basis to maintain a nearly constant duty cycle when dithering is enabled.
f(SW) x 1.078
f(SW)
Inte rnal Low Freq uency
Rand om Modul atio n
High Fr equen cy
Rando m Modulation
f(SW) x 0.922
DRS S Disable d
DRS S Enable d
Low + Hi gh Fre quency
Rando m Modulation (DRSS)
Figure 7-18. Dual Random Spread Spectrum
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
www.ti.com
32
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com