Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177DCPR Datasheet(PDF) 8 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 4Page - Texas Instruments LM5177DCPR Datasheet HTML 5Page - Texas Instruments LM5177DCPR Datasheet HTML 6Page - Texas Instruments LM5177DCPR Datasheet HTML 7Page - Texas Instruments LM5177DCPR Datasheet HTML 8Page - Texas Instruments LM5177DCPR Datasheet HTML 9Page - Texas Instruments LM5177DCPR Datasheet HTML 10Page - Texas Instruments LM5177DCPR Datasheet HTML 11Page - Texas Instruments LM5177DCPR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 60 page
background image
5.5 Electrical Characteristics
Typical values correspond to TJ=25°C. Minimum and maximum limits apply over TJ=-40°C to 125℃. Unless otherwise stated,
V(BIAS) =12 V
PARAMETER
MIN
TYP
MAX UNIT
SUPPLY CURRENT
Shutdown current into VIN
V(VIN) = 12 V, V(BIAS) = 0
V V(EN) = 0 V
TJ = 25°C
2.8
4
µA
TJ = –40°C to 125°C
2.8
5
µA
Shutdown current into BIAS
V(VIN) = 0 V, V(EN) = 0 V
TJ = 25°C
2.8
4
µA
TJ = –40°C to 125°C
2.8
5
µA
Quiescent current into BIAS
V(EN) = 3.3 V, V(FB) > 1 V,
TJ = 25°C
60
80
µA
TJ = –40°C to 125°C
60
90
µA
IIL
Low-level input current (EN/UVLO)
V(EN/UVLO) ≤ 0.55 V
±0.01
±0.1
µA
VCC REGULATOR
VCC regulation
VBIAS 12.0 V ,I(VCC) = 20 mA
4.75
5
5.25
V
VVIN 12.0 V ,I(VCC) = 20 mA
4.75
5
5.25
V
VCC line regulation
I(VCC) = 1 mA
V(VIN) =3.5V V(BIAS) = 6.7
V to 42 V
±1
%
V(BIAS) =0 V V(VIN) = 6.7
V to 78 V
±1
%
BIAS LDO dropout load regulation
V(BIAS)= 6.7V, V(VIN) = 3.5
V,
I(VCC) = 1 mA to 200 mA
65
120 mV
VBIAS = 3.5V, V(VIN) = 2.8 V, I(VCC) = 35 mA
200 mV
VIN LDO dropout load regulation
V(BIAS)= 0V, V(VIN) = 6.7V, I(VCC) = 1 mA to 175 mA
65
120 mV
V(BIAS)= 0V, V(VIN) = 3.5V, I(VCC) = 15 mA
89
200 mV
VCC UVLO delay
VCC rising
6
us
VCC sourcing current limit
VCC ≥ 4.5 V
V(BIAS)= 0V, V(VIN) = 12 V,
200
mA
V(VIN) = 3.5 V,
200
mA
VT+(VCC)
Positive going threshold
V(VCC) rising
3.4
3.45
3.5
V
VT-(VCC)
Negative going threshold
V(VCC) falling
3.2
3.25
3.3
V
VT+
(VCC,SUP)
Positive going threshold for LDO
switch-over
6.35
6.5
6.7
V
Vhyst(VCC,SU
P)
LDO switch-over hysteresis
60
mV
ENABLE
VT+(EN)
Enable positive-going threshold
EN rising
0.47
0.63
0.8
V
VT-(EN)
Enable negative-going threshold
EN falling
0.45
0.6
0.75
V
Vhyst(EN)
Enable threshold hysteresis
EN falling
20
100 mV
td(EN)
Shutdown delay time
14
20
us
UVLO
VDET positive-going threshold
V(VIN) rising
3.3
3.4
3.55
V
VDET negative-going threshold
V(VIN) falling
2.6
2.7
2.85
V
VT+(UVLO)
UVLO positive-going threshold
V(EN/UVLO) rising
1.22
1.25
1.28
V
VT-(UVLO)
UVLO negative-going threshold
V(EN/UVLO) falling
1.17
1.2
1.23
V
IUVLO
UVLO hysteresis sinking current
0.7 V ≤ V(EN/UVLO) < 1.22 V
4
5
6
µA
Enable time to start
switching
VCC = 5V, VT+(UVLO) > 1.3V
45
us
td(UVLO)
UVLO and VDET detection delay time V(EN/UVLO) falling; V(VDET) falling
25.5
30
34.5
µs
SYNC
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
www.ti.com
8
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com