Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177DCPR Datasheet(PDF) 45 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 45 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 41Page - Texas Instruments LM5177DCPR Datasheet HTML 42Page - Texas Instruments LM5177DCPR Datasheet HTML 43Page - Texas Instruments LM5177DCPR Datasheet HTML 44Page - Texas Instruments LM5177DCPR Datasheet HTML 45Page - Texas Instruments LM5177DCPR Datasheet HTML 46Page - Texas Instruments LM5177DCPR Datasheet HTML 47Page - Texas Instruments LM5177DCPR Datasheet HTML 48Page - Texas Instruments LM5177DCPR Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
Table 8-3. Components Example for Typical Application (continued)
Reference
Description
Part Number
L1
1.8μH, DCR = 3.2mΩ
IHLP-5050FD-A1
COUT1
5× 10µF, 50V Ceramic Capacitor
GCM32EC71H106KA03
COUT2
1× 100μF, 63V Aluminum Capacitor
PCR1J101MCL1GS
RISNS
4mΩ
KRL2012E-C-R004-F
CBST1
0.1µF, 35V Ceramic Capacitor
GRT033R6YA104KE01
CBST2
0.1µF, 35V Ceramic Capacitor
GRT033R6YA104KE01
CVCC
47µF, 6.3V Ceramic Capacitor
GRM188R60J476ME15D
RUVLO,top
75kΩ
RUVLO,bot
20.5kΩ
RSLOPE
69.8kΩ
RCFG
13.3kΩ
RRT
75kΩ
8.2.3 Application Curves
Figure 8-2. Start-up waveform standby to active
operation
(MODE = V(VCC), Vo = 12 V, Io = 0 A, V(VIN) = 12 V)
Figure 8-3. Inductor current boost operation
(MODE = V(VCC), Vo = 12 V, Io = 0 A, V(VIN) = 6 V)
Figure 8-4. Inductor current buck-boost operation
(MODE = V(VCC), Vo = 12 V, Io = 0 A, V(VIN) = 12 V)
Figure 8-5. Inductor current buck operation
(MODE = V(VCC), Vo = 12 V, Io = 0 A, V(VIN) = 24 V)
www.ti.com
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com