Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177DCPR Datasheet(PDF) 49 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 49 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 45Page - Texas Instruments LM5177DCPR Datasheet HTML 46Page - Texas Instruments LM5177DCPR Datasheet HTML 47Page - Texas Instruments LM5177DCPR Datasheet HTML 48Page - Texas Instruments LM5177DCPR Datasheet HTML 49Page - Texas Instruments LM5177DCPR Datasheet HTML 50Page - Texas Instruments LM5177DCPR Datasheet HTML 51Page - Texas Instruments LM5177DCPR Datasheet HTML 52Page - Texas Instruments LM5177DCPR Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 60 page
background image
10 Layout
A proper PCB design and layout is important in high-current, fast-switching circuits (with high current and voltage
slew rates) to achieve a robust and reliable design. As expected, certain topics must be considered for the
design of the PCB layout for the LM5177.
10.1 Layout Guidelines
10.1.1 Power Stage Layout
Input capacitors, output capacitors, and MOSFETs are the constituent components of the power stage of the
buck-boost regulator and are typically placed on the top side of the PCB. The benefits of convective heat transfer
are maximized when leveraging any system-level airflow. In a two-sided PCB layout, small-signal components
are typically placed on the bottom side. Insert at least one inner plane, connected to ground, to shield, and
isolate the small-signal traces from noisy power traces.
The DC/DC regulator has several high-current loops. Minimize the area of these loops to suppress generated
switching noise and optimize switching performance.
• The most important loop areas to minimize are the path from the input capacitors through the buck high-side
and low-side MOSFETs, and back to the ground connection of the input capacitor and the path from the
output capacitors through the boost high-side and low-side MOSFETs, and back to the ground connection
of the output capacitor. Connect the negative terminal of the capacitor close to the source of the low-side
MOSFETs (at ground). Similarly, connect the positive terminal of the capacitor or capacitors close to the drain
of the high-side MOSFETs of both loops.
• In addition to these recommendations, follow any layout considerations of the MOSFETs as recommended by
the MOSFET manufacturer, including pad geometry and solder paste stencil design.
10.1.2 Gate Driver Layout
The LM5177 high-side and low-side gate drivers incorporate short propagation delays, frequency depended
dead-time control, and low-impedance output stages capable of delivering large peak currents with very fast rise
and fall times to facilitate rapid turn-on and turn-off transitions of the external power MOSFETs. Very high di/dt
can cause unacceptable ringing if the trace lengths are not well controlled. Minimization of stray or parasitic
gate loop inductance is key to optimizing gate drive switching performance, whether it be series gate inductance
that resonates with MOSFET gate capacitance or common source inductance (common to gate and power
loops) that provides a negative feedback component opposing the gate drive command, and thereby increasing
MOSFET switching times.
Connections from the gate driver outputs, HO1 and HO2, to the respective gates of the high-side MOSFETs
must be as short as possible to reduce series parasitic inductance. Route HO1 and HO2 and SW1 and
SW2 gate traces as a differential pair from the device pin to the high-side MOSFET, taking advantage of flux
cancellation by reducing the loop area.
Connections from gate driver outputs, LO1 and LO2, to the respective gates of the low-side MOSFETs must
be as short as possible to reduce series parasitic inductance. Route LO1 and LO2, and PGND traces as a
differential pair from the device pin to the low-side MOSFET, taking advantage of flux cancellation by reducing
the loop area.
Minimize the current loop path from the VCC, HB1, and HB2 pins through their respective capacitors as these
provide the high instantaneous current.
10.1.3 Controller Layout
With the provision to locate the controller as close as possible to the power MOSFETs to minimize gate driver
trace runs, the components related to the analog and feedback signals as well as current sensing are considered
in the following:
• Separate power and signal traces, and use a ground plane to provide noise shielding.
• Place all sensitive analog traces and components related to COMP, FB, SLOPE, SS/ATRK, and RT away
from high-voltage switching nodes such as the following to avoid mutual coupling:
– SW1
www.ti.com
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com