Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177DCPR Datasheet(PDF) 3 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 3 Page - Texas Instruments

  LM5177DCPR Datasheet HTML 1Page - Texas Instruments LM5177DCPR Datasheet HTML 2Page - Texas Instruments LM5177DCPR Datasheet HTML 3Page - Texas Instruments LM5177DCPR Datasheet HTML 4Page - Texas Instruments LM5177DCPR Datasheet HTML 5Page - Texas Instruments LM5177DCPR Datasheet HTML 6Page - Texas Instruments LM5177DCPR Datasheet HTML 7Page - Texas Instruments LM5177DCPR Datasheet HTML 8Page - Texas Instruments LM5177DCPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
4 Pin Configuration and Functions
1
BIAS
38
CSB
2
NC
37
CSA
3
VIN
36
SW1
4
EN/UVLO
35
HB1
5
NC
34
HO1
6
IMONOUT
33
NC
7
nFLT
32
LO1
8
HO1_LL
31
VCC
9
HO2_LL
30
PGND
10
DTRK
29
LO2
11
SYNC
28
NC
12
MODE
27
HO2
13
CFG
26
HB2
14
SLOPE
25
SW2
15
RT
24
NC
16
SS/ATRK
23
ISNSP
17
AGND
22
ISNSN
18
COMP
21
NC
19
FB
20
VOUT
Not to scale
PowerPAD
Figure 4-1. 38-Pin DCP HTSSOP Pin Diagram
Table 4-1. Pin Functions LM5177
Pin
Type(1)
Description
Name
No.
AGND
17
G
Analog ground of the device
BIAS
1
I
Optional input to the VCC bias regulator. Powering VCC from an external supply instead of VIN
can reduce power loss at high VIN.
If the bias pin supply is not used in the application connect the pin GND
CFG
13
I/O
Device configuration pin. Connect a resistor between the CFG pin to select the device operation
for spread spectrum (DRSS), short circuit protection (hiccup mode), current limit, or current
monitor.
COMP
18
O
Output of the error amplifier. An external RC network connected between COMP and AGND
compensates the regulator of the output voltage feedback loop.
CSA
37
I
Inductor peak current sensor positive input. Connect CSA to the positive side of the external
current sense resistor using a low-current Kelvin connection.
CSB
38
I
Inductor peak current sense negative input. Connect CSB to the negative side of the external
current sense resistor using a low-current Kelvin connection.
DTRK
10
I
Digital PWM input pin for the dynamical output voltage tracking. Do not leave this pin floating. If
this function is not used, connect the pin to VCC or GND.
www.ti.com
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
Copyright © 2025 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com