Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177DCPR Datasheet(PDF) 44 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 44 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 40Page - Texas Instruments LM5177DCPR Datasheet HTML 41Page - Texas Instruments LM5177DCPR Datasheet HTML 42Page - Texas Instruments LM5177DCPR Datasheet HTML 43Page - Texas Instruments LM5177DCPR Datasheet HTML 44Page - Texas Instruments LM5177DCPR Datasheet HTML 45Page - Texas Instruments LM5177DCPR Datasheet HTML 46Page - Texas Instruments LM5177DCPR Datasheet HTML 47Page - Texas Instruments LM5177DCPR Datasheet HTML 48Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 60 page
background image
The compensation zero can be placed at 1.5 times the boost output pole frequency. Keep in mind that this
locates the zero at three times the buck output pole frequency, which results in approximately 30 degrees of
phase loss before crossover of the buck loop and 15 degrees of phase loss at intermediate frequencies for the
boost loop:
fZC= 1.8 kHz
(44)
The compensation gain resistor, Rc1, is calculated with:
RC1= 2π×fbw
gmEA ×RFB1+RFB2
RFB2 ×ACS×RCS×COUT
1−DMAX × 11+fbwfRHP2=1.9 kΩ
(45)
where
• DMAX is the maximum duty cycle at the minimum VIN in boost mode.
• ACS is the current sense amplifier gain.
The compensation capacitor, Cc1, is then calculated from:
CC1=  1
2π×fZC× Rc1= 45.8nF
(46)
The standard values of compensation components are selected to be Rc1 = 1.91 kΩ and Cc1 = 47 nF.
A high frequency pole (fpc2) is placed using a capacitor (Cc2) in parallel with Rc1 and Cc1. Set the frequency of
this pole at seven to ten times of fbw to provide attenuation of switching ripple and noise on COMP while avoiding
excessive phase loss at the crossover frequency. For a target fpc2 = 6 kHz, Cc2 is calculated using Equation 47:
CC2=  1
2π×fpc2×Rc1= 1.68 nF
(47)
Select a standard value of 1.8 nF for Cc2. These values provide a good starting point for the compensation
design. Each design must be tuned in the lab to achieve the desired balance between stability margin across the
operating range and transient response time.
8.2.2.13 External Component Selection
Table 8-3. Components Example for Typical Application
Reference
Description
Part Number
RCOMP
1.91kΩ
CCOMP1
47nF, 50V Ceramic Capacitor
CCOMP2
1.8nF, 50V Ceramic Capacitor
CSS
18nF, 50V Ceramic Capacitor or 20nF, 80V Ceramic
Capacitor
GCM21B5C1H183JA16 or
GCM21B5C1K203JA16
RFB,top
71.5kΩ
RFB,bot
4.7kΩ
RnFLT
10kΩ
RIMONOUT
82kΩ
CIN1
2× 10µF, 50V Ceramic Capacitor
GCM32EC71H106KA03
CIN2
1× 100μF, 63V Aluminum Capacitor
PCR1J101MCL1GS
M1
N-Channel 40V MOSFET, RDS(on) = 4.3mΩ
SQJ422EP
M2
N-Channel 40V MOSFET, RDS(on) = 4.3mΩ
SQJ422EP
M3
N-Channel 40V MOSFET, RDS(on) = 4.3mΩ
SQJ422EP
M4
N-Channel 40V MOSFET, RDS(on) = 4.3mΩ
SQJ422EP
RCS
1.00mΩ
3xKRL2012E-C-R003-F
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
www.ti.com
44
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com