Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM5177DCPR Datasheet(PDF) 36 Page - Texas Instruments

Part # LM5177DCPR
Description  LM5177 60V Wide VIN Bidirectional 4-Switch Buck-Boost Controller
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

LM5177DCPR Datasheet(HTML) 36 Page - Texas Instruments

Back Button LM5177DCPR Datasheet HTML 32Page - Texas Instruments LM5177DCPR Datasheet HTML 33Page - Texas Instruments LM5177DCPR Datasheet HTML 34Page - Texas Instruments LM5177DCPR Datasheet HTML 35Page - Texas Instruments LM5177DCPR Datasheet HTML 36Page - Texas Instruments LM5177DCPR Datasheet HTML 37Page - Texas Instruments LM5177DCPR Datasheet HTML 38Page - Texas Instruments LM5177DCPR Datasheet HTML 39Page - Texas Instruments LM5177DCPR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 60 page
background image
TSD
TSD
POWE R_S TA GE_OFF
POWE R_S TA GE_OFF
r2d_ read_ done
&&
V(EN/UVLO) > VIT+(UVLO)
&&
V(VCC) > VIT+(VCC)
&&
BOO T_ UV = 0
VI < VIT± UVLO)
||
BOO T_ UV = 1
||
V(VCC) < VIT+(VCC)
MAIN_ LOGIC_ON
MAIN_ LOGIC_ON
TJ > TJT+
TJ < TJT-
entry: discharge C(SS)
POWE R_S TA GE_A CTIVE
POWE R_S TA GE_A CTIVE
V(EN) > VT+(EN)
DEVICE_OFF
DEVICE_OFF
V(EN) < VT-(EN)
READ_R2D
READ_R2D
entry: discharge C(SS)
HOLD_R2D
HOLD_R2D
r2d_ read_ done
!r2d_re ad_do ne
Figure 7-21. Functional State Diagram
DEVICE_OFF
During the DEVICE_OFF state the LM5177 is in shutdown. All internal logic and the DC/DC converter as well
as the gate driver are off. The internal POR- system monitors the EN threshold to start the initialization of the
reference system an device logic. The device current consumption is given by the shutdown current.
MAIN_LOGIC_ON
LM5177
SNVSBU4F – JUNE 2022 – REVISED JANUARY 2025
www.ti.com
36
Submit Document Feedback
Copyright © 2025 Texas Instruments Incorporated
Product Folder Links: LM5177



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com