Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9DA00MF Datasheet(PDF) 9 Page - Rohm

Part # BD9DA00MF
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF Datasheet(HTML) 9 Page - Rohm

Back Button BD9DA00MF Datasheet HTML 5Page - Rohm BD9DA00MF Datasheet HTML 6Page - Rohm BD9DA00MF Datasheet HTML 7Page - Rohm BD9DA00MF Datasheet HTML 8Page - Rohm BD9DA00MF Datasheet HTML 9Page - Rohm BD9DA00MF Datasheet HTML 10Page - Rohm BD9DA00MF Datasheet HTML 11Page - Rohm BD9DA00MF Datasheet HTML 12Page - Rohm BD9DA00MF Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 53 page
background image
9/50
BD9DA00MF
Datasheet
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
Electrical Characteristics – continued
(Unless otherwise specified Tj = -40 °C to +125 °C, VIN = 12 V, VEN = 2 V)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Power Good
Power Good Rising
Threshold Voltage
VPGDTHGR
89.5
92.5
95.5
%
VFB rising,
VPGDTHGR = VFB / VREF x 100
Power Fault Rising
Threshold Voltage
VPGDTHFR
113
116
119
%
VFB rising,
VPGDTHFR = VFB / VREF x 100
Power Fault Falling
Threshold Voltage
VPGDTHFF
77
80
83
%
VFB falling,
VPGDTHFF = VFB / VREF x 100
PGD Low to High Delay Time
tDPGD
0.63
0.90
1.17
ms
PGD Output Leakage Current
ILKPGD
-
-
3
µA
VPGD = 3.3 V
PGD MOSFET ON Resistance
RPGD
-
15
40
Ω
VCC = 3 V
PGD Clamp Voltage 1
VPGDCL1
-
600
-
mV
VIN = 0 V, 100 kΩ pull up to
3.3 V, Tj = 25 °C
PGD Clamp Voltage 2
VPGDCL2
-
700
-
mV
VIN = 0 V, 10 kΩ pull up to
3.3 V, Tj = 25 °C
Protection
OVP Threshold Voltage
VOVP
113
116
119
%
VOVP = VFB / VREF x 100
SCP Threshold Voltage
VSCP
77
80
83
%
VSCP = VFB / VREF x 100
Current Limit Threshold
VLIM
1.15
1.20
1.25
V
IILIM to IOUT Ratio(Note 1)
IILIM/IOUT
18.0
20.0
22.0
µA/A
4.7 kΩ ≤ RILIM ≤ 6.2 kΩ
16.4
20.0
23.2
6.2 kΩ < RILIM ≤ 10 kΩ
Low-Side FET Reverse Detection
Current(Note 1)
IROCP
-
6.5
-
A
(Note 1) This is design value. No tested on outgoing inspection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com