Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9DA00MF Datasheet(PDF) 5 Page - Rohm

Part # BD9DA00MF
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF Datasheet(HTML) 5 Page - Rohm

  BD9DA00MF Datasheet HTML 1Page - Rohm BD9DA00MF Datasheet HTML 2Page - Rohm BD9DA00MF Datasheet HTML 3Page - Rohm BD9DA00MF Datasheet HTML 4Page - Rohm BD9DA00MF Datasheet HTML 5Page - Rohm BD9DA00MF Datasheet HTML 6Page - Rohm BD9DA00MF Datasheet HTML 7Page - Rohm BD9DA00MF Datasheet HTML 8Page - Rohm BD9DA00MF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 53 page
background image
5/50
BD9DA00MF
Datasheet
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
Description of Blocks
1. VREF
The VREF block generates the internal reference voltage.
2. REG
The REG block generates internal power supply. It outputs 3.0 V (Typ) and supplies to the control circuits and the Driver.
3. Soft Start
The Soft Start circuit slows down the rise of output voltage during startup, which prevents output voltage overshoot. The
soft start time can be set by connecting a capacitor to the SS/REF pin. For the setting method, refer to Selection of
Components Externally Connected 4. Soft Start Capacitor.
4. Error Amplifier
The Error Amplifier adjusts the Main Comparator input voltage to make the FB voltage equal to the internal reference
voltage.
5. Main Comparator
The Main Comparator compares the Error Amplifier output voltage and the voltage with Ramp superimposed on FB
voltage (VFB) . When VFB becomes lower than the Error Amplifier output voltage, the output turns high and reports to the
On-Time block that the output voltage has dropped below the control voltage.
6. On-Time
The On-Time block generates On Time. The designed On Time is generated after the Main Comparator output turns high.
The On Time is adjusted to control the frequency to be fixed even if input / output voltage is changed.
7. PGOOD
The PGOOD block is for power good function.
8. OVC
The OVC block is for output voltage clamp. When the FB pin voltage (VFB) becomes 104 % (Typ) or more of the FB
reference voltage VREF, the Low-Side FET turns on and suppresses the rise of the output voltage. When VFB becomes
103 % (Typ) or less of VREF, the device returns to normal operation.
9. OVP
The OVP block is for output over voltage protection. OVP function operates when the FB pin voltage VFB becomes 116 %
(Typ) or more of the FB reference voltage VREF, and it depends on the device operation mode. Refer to Function
Explanations 2. Protection (5) Over Voltage Protection (OVP).
10. UVLO
The UVLO block is for under voltage lockout protection. The device shuts down when input voltage VIN falls to 1.85 V
(Typ) or less, or VCC voltage VCC falls to 2.5 V (Typ) or less.
11. BSTDET
The BSTDET block detects the low voltage between the SW and BST (ΔVBST-SW). The Low-Side FET turns on and
charges a bootstrap capacitor when ΔVBST-SW is 2.1 V (Typ) or less.
12. TSD
The TSD block is for thermal protection. The device shuts down when the junction temperature Tj reaches to 175 °C
(Typ) or more. When Tj drops, the device restarts with a hysteresis of 25 °C (Typ).
13. HOCP
The HOCP block is for over current protection of the High-Side FET. When the current that flows through the High-Side
FET reaches the over current limit IHOCP = 17.5 A (Typ), the device turns off the High-Side FET and turns on the Low-
Side FET.
14. LOCP
The LOCP block is for over current protection of the Low-Side FET. While the current that flows through the Low-Side
FET over the value of over current limit, the device keep turning on the Low-Side FET.
15. SCP
The SCP block is for short circuit protection. After 3 ms (Typ) from the beginning of soft start, and after SS/REF voltage
(VSSREF) reaches 0.6 V (Typ), if VFB is 80 % (Typ) of FB reference voltage VREF or less, or over current protection is
detected for 31 consecutive cycles, the device shuts down for 117 ms (Typ). After 117 ms shutdown, the device restarts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com