Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9DA00MF Datasheet(PDF) 30 Page - Rohm

Part # BD9DA00MF
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF Datasheet(HTML) 30 Page - Rohm

Back Button BD9DA00MF Datasheet HTML 26Page - Rohm BD9DA00MF Datasheet HTML 27Page - Rohm BD9DA00MF Datasheet HTML 28Page - Rohm BD9DA00MF Datasheet HTML 29Page - Rohm BD9DA00MF Datasheet HTML 30Page - Rohm BD9DA00MF Datasheet HTML 31Page - Rohm BD9DA00MF Datasheet HTML 32Page - Rohm BD9DA00MF Datasheet HTML 33Page - Rohm BD9DA00MF Datasheet HTML 34Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 53 page
background image
30/50
BD9DA00MF
Datasheet
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
Selection of Components Externally Connected – continued
5. VCC Capacitor
The VCC capacitor 1 μF is recommended. Connect the capacitor between the VCC pin and ground. For the capacitance,
take temperature characteristics, DC bias characteristics, and etc. into consideration to set to the effective capacitance of
no less than 0.33 μF.
6. Bootstrap Capacitor
The bootstrap capacitor 0.1 μF is recommended. Connect the capacitor between the SW pin and the BST pin. For the
capacitance, take temperature characteristics, DC bias characteristics, and etc. into consideration to set to the effective
capacitance of no less than 0.022 μF.
7. OCP Setting Resistor
Low-Side OCP limits the valley of the inductor current. The OCP setting value ILOCP can be set by the resistance RILIM of
the ILIM pin to AGND.
When the Low-Side FET is on, the device monitors the inductor current and outputs 20 μ (Typ) times the current IILIM from
the ILIM pin. While the multiple of IILIM current and RILIM exceeds the current limit threshold VLIM 1.2 V (Typ), the Low-Side
FET remains on even if FB voltage VFB falls to 0.6 V (Typ) or less. If the multiple of IILIM current and RILIM becomes 1.2 V
(Typ) or less, the High-Side FET is able to be turned on. ILOCP can be calculated using the following formula. Set the RILIM
value in the range of 4.7 kΩ to 10 kΩ. Also, set the peak inductor current IL_PEAK, which is ILOCP plus ΔIL, so that it does not
exceed IL_PEAKMAX = 18 A.
������������������������������������������������������������= ������������������������������������������������
������������������������������������������������������������/������������������������������������������������������������������������������������������������������������ [A]
where:
������������������������������������������������ isthecurrentlimitthreshold1.2V(Typ)
������������������������������������������������������������/������������������������������������������������ isIILIMtoIOUTratio20μA/A(Typ)
The OCP setting IOCP of the output current is the value of ILOCP plus 1/2 of ΔIL. RILIM can be calculated from the target IOCP
using the following formula.
������������������������������������������������������������= ������������������������������������������������������������������������������������������������������������/������������������������������������������������÷�������������������������������������������������−Δ������������������������2�[Ω]
Inductor Current
IOCP
ILOCP
ΔIL
IL_PEAK
1/2 x ΔIL
Figure 50. Inductor Current Waveform during OCP
8. EN Pull up Resistor
EN can also be connected to VIN directly through a pull-up resistor RENUP. RENUP should be selected so that the current
flow to EN is 50 μA or less. RENUP can be calculated with the following formula.
������������������������������������������������������������>������������������������������������0.05[kΩ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com