Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9DA00MF Datasheet(PDF) 23 Page - Rohm

Part # BD9DA00MF
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF Datasheet(HTML) 23 Page - Rohm

Back Button BD9DA00MF Datasheet HTML 19Page - Rohm BD9DA00MF Datasheet HTML 20Page - Rohm BD9DA00MF Datasheet HTML 21Page - Rohm BD9DA00MF Datasheet HTML 22Page - Rohm BD9DA00MF Datasheet HTML 23Page - Rohm BD9DA00MF Datasheet HTML 24Page - Rohm BD9DA00MF Datasheet HTML 25Page - Rohm BD9DA00MF Datasheet HTML 26Page - Rohm BD9DA00MF Datasheet HTML 27Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 53 page
background image
23/50
BD9DA00MF
Datasheet
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
1. Basic Operation – continued
(11) Control Mode Selectable Function
BD9DA00MF has the MODE pin to set the switching frequency and operation mode. It cannot be changed during
operation.
Table 2. Control Mode Setting
MODE Pin Condition
Switching Frequency
Operation Mode
Short to VCC
600 kHz (Typ)
Light Load Mode (LLM)
240 kΩ to GND
800 kHz (Typ)
Light Load Mode (LLM)
120 kΩ to GND
1 MHz (Typ)
Light Load Mode (LLM)
Short to GND
600 kHz (Typ)
Forced CCM Mode
30 kΩ to GND
800 kHz (Typ)
Forced CCM Mode
62 kΩ to GND
1 MHz (Typ)
Forced CCM Mode
(12) External Bias On VCC Pin Function
VCC outputs 3.0 V (Typ) from the internal LDO, it can also be applied externally. External bias improves efficiency and
allows operation at 2.7 V ≤ VIN ≤ 4.0 V.
When applying an external bias on the VCC pin, please note the following.
·The externally applied voltage VCC_EXT should be 3.13 V ≤ VCC_EXT ≤ 3.60 V.
·It should be enabled in a sequence where external application on the VCC pin completes before either the start-up by
EN signal or VIN UVLO release.
(13) Remote Sense Function
BD9DA00MF has a remote sense function using the FB and RGND pins. The remote sense function compensates for
output voltage drop due to the PCB wiring resistance. When this function is available, the VOUT connection of the remote
sensing signal VOUTSNS+ must be connected to the feedback resistor RUP. The ground connection of the remote sensing
signal VOUTSNS- must be connected to the RGND pin. To maintain stable output voltage and minimize the ripple voltage,
the pair of remote sensing lines must stay away from any noise sources such as inductor, SW nodes, and high
frequency clock lines. In addition, connect a capacitor CRGND of 0.1 μF or more between VOUTSNS+ and VOUTSNS-. In this
case, It is recommended that RUP, RDOWN, CFB, and CRGND are placed at nearby BD9DA00MF. If the remote sense
function is not used, RGND should be shorted to AGND with shortest trace. In this case CSS1 can be deleted, but CSS2
can be set within the range described in Selection of Components Externally Connected 4. Soft Start Capacitor.
It is recommended to use the RGND pin with an operating range of -50 mV to +50 mV.
Figure 41. Circuit with Remote Sense Function
Figure 42. Circuit when Remote Sense Function is not used
VOUT
RUP
RDOWN
FB
RGND
SS/REF
CFB
CSS2
AGND
VOUTSNS+
RUP
RDOWN
FB
RGND
SS/REF
CFB
CSS1
CSS2
AGND
CRGND
VOUTSNS-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com