Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9DA00MF Datasheet(PDF) 19 Page - Rohm

Part # BD9DA00MF
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF Datasheet(HTML) 19 Page - Rohm

Back Button BD9DA00MF Datasheet HTML 15Page - Rohm BD9DA00MF Datasheet HTML 16Page - Rohm BD9DA00MF Datasheet HTML 17Page - Rohm BD9DA00MF Datasheet HTML 18Page - Rohm BD9DA00MF Datasheet HTML 19Page - Rohm BD9DA00MF Datasheet HTML 20Page - Rohm BD9DA00MF Datasheet HTML 21Page - Rohm BD9DA00MF Datasheet HTML 22Page - Rohm BD9DA00MF Datasheet HTML 23Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 53 page
background image
19/50
BD9DA00MF
Datasheet
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
Typical Performance Curves – continued
Figure 34. EN Start-up Waveform
(VIN = 12 V, VOUT = 1.2 V, fSW = 800 kHz, IOUT = 6 A, CCM)
Figure 36. EN Start-up Waveform
(VIN = 12 V, VOUT = 1.2 V, fSW = 800 kHz, IOUT = 0 A, LLM)
Figure 35. EN Shutdown Waveform
(VIN = 12 V, VOUT = 1.2 V, fSW = 800 kHz, IOUT = 6 A, CCM)
Figure 37. EN Shutdown Waveform
(VIN = 12 V, VOUT = 1.2 V, fSW = 800 kHz, IOUT = 0 A, LLM)
VIN 10 V/div
VEN 2 V/div
VOUT 500 mV/div
VPGD 3 V/div
400 μs/div
400 μs/div
20 μs/div
4 ms/div
VIN 10 V/div
VEN 2 V/div
VOUT 500 mV/div
VPGD 3 V/div
VIN 10 V/div
VEN 2 V/div
VOUT 500 mV/div
VPGD 3 V/div
VIN 10 V/div
VEN 2 V/div
VOUT 500 mV/div
VPGD 3 V/div



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com