Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9DA00MF Datasheet(PDF) 7 Page - Rohm

Part # BD9DA00MF
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF Datasheet(HTML) 7 Page - Rohm

Back Button BD9DA00MF Datasheet HTML 3Page - Rohm BD9DA00MF Datasheet HTML 4Page - Rohm BD9DA00MF Datasheet HTML 5Page - Rohm BD9DA00MF Datasheet HTML 6Page - Rohm BD9DA00MF Datasheet HTML 7Page - Rohm BD9DA00MF Datasheet HTML 8Page - Rohm BD9DA00MF Datasheet HTML 9Page - Rohm BD9DA00MF Datasheet HTML 10Page - Rohm BD9DA00MF Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 53 page
background image
7/50
BD9DA00MF
Datasheet
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Input Voltage
VIN
-0.3 to +18.0
V
SW Voltage (DC)
VSW
-0.3 to VIN + 0.3
V
SW Voltage (AC, 3 ns or less)
VSWAC
-5.0 to +20.0
V
Voltage from GND to BST
VBST
-0.3 to +22.5
V
Voltage from SW to BST
ΔVBST-SW
-0.3 to +4.5
V
FB Voltage
VFB
-0.3 to +4.5
V
VCC Voltage
VCC
-0.3 to +4.5
V
MODE Voltage
VMODE
-0.3 to +4.5
V
ILIM Voltage
VILIM
-0.3 to +4.5
V
PGD Voltage
VPGD
-0.3 to +7.0
V
EN Voltage
VEN
-0.3 to +7.0
V
SS/REF Voltage
VSSREF
-0.3 to +4.5
V
RGND Voltage
VRGND
-0.3 to +0.3
V
Maximum Peak Inductor Current
IL_PEAKMAX
18
A
Maximum Junction Temperature(Note 1)
Tjmax
125
°C
Storage Temperature Range
Tstg
-55 to +125
°C
Caution 1: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is
operated over the absolute maximum ratings.
Caution 2: Should by any chance the maximum junction temperature rating be exceeded the rise in temperature of the chip may result in deterioration of the
properties of the chip. In case of exceeding this absolute maximum rating, design a PCB with thermal resistance taken into consideration by increasing
board size and copper area so as not to exceed the maximum junction temperature rating.
(Note 1) The lifetime and reliability of the device is reduced if the device operates continually at the maximum junction temperature.
Thermal Resistance(Note 2)
Parameter
Symbol
Thermal Resistance (Typ)
Unit
2s2p(Note 4)
EVK(Note 5)
UFN014V3040
Junction to Ambient
θJA
52.4
28.7
°C/W
Junction to Top Characterization Parameter(Note 3)
ΨJT
4.0
4.0
°C/W
(Note 2) Based on JESD51-2A (Still-Air).
(Note 3) The thermal characterization parameter to report the difference between junction temperature and the temperature at the top center of the outside surface
of the component package.
(Note 4) Using a PCB board based on JESD51-7.
(Note 5) Evaluation Kit. Measured on FR-4 board 80.0 mm x 80.0 mm x 1.6 mm, Copper Thickness: All Layers 70μm.
Layer Number of
Measurement Board
Material
Board Size
4 Layers
FR-4
114.3 mm x 76.2 mm x 1.6 mmt
Top
2 Internal Layers
Bottom
Copper Pattern
Thickness
Copper Pattern
Thickness
Copper Pattern
Thickness
Footprints and Traces
70 μm
74.2 mm x 74.2 mm
35 μm
74.2 mm x 74.2 mm
70 μm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com