Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9DA00MF Datasheet(PDF) 37 Page - Rohm

Part # BD9DA00MF
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF Datasheet(HTML) 37 Page - Rohm

Back Button BD9DA00MF Datasheet HTML 33Page - Rohm BD9DA00MF Datasheet HTML 34Page - Rohm BD9DA00MF Datasheet HTML 35Page - Rohm BD9DA00MF Datasheet HTML 36Page - Rohm BD9DA00MF Datasheet HTML 37Page - Rohm BD9DA00MF Datasheet HTML 38Page - Rohm BD9DA00MF Datasheet HTML 39Page - Rohm BD9DA00MF Datasheet HTML 40Page - Rohm BD9DA00MF Datasheet HTML 41Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 53 page
background image
37/50
BD9DA00MF
Datasheet
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
Application Characteristic Data (Reference Data) – continued
Table 8. Specification of Application
Parameter
Symbol
Specification Value
Input Voltage
VIN
8 V to 16 V
Output Voltage
VOUT
1.2 V (Typ)
Maximum Output Current
IOUTMAX
12 A
Switching Frequency
fSW
600 kHz (Typ)
Operation Mode
-
Forced CCM Mode
Operating Temperature
Ta
25 °C
VIN
BST
BD9DA00MF
SW
FB
VOUT
L
VCC
CBST
CVCC
AGND
PGD
ILIM
COUT1
CIN1
RUP
RDOWN
MODE
PGND
SS/REF
VIN
EN
EN
RGND
RMODE
RILIM
CSS1
CSS2
CFB
RPGD
CIN2
CIN3
CIN4
CIN5
VCC
R0
COUT2
COUT3 COUT4
PGD
Figure 69. Application Circuit
Table 9. List of Components (Reference Example)
Part No.
Value
Part Name
Type
Size Code (mm)
Manufacturer
L
0.47 μH
SPM6530T-R47M170
Inductor
-
TDK
CIN1(Note 1)
1 μF, (X6S, 25 V)
GRM155C81E105KE11
Ceramic Capacitor
1005
Murata
CIN2(Note 1)
1 μF, (X6S, 25 V)
GRM155C81E105KE11
Ceramic Capacitor
1005
Murata
CIN3
10 μF, (X7R, 25 V)
GRM31CR71E106KA12
Ceramic Capacitor
3216
Murata
CIN4
10 μF, (X7R, 25 V)
GRM31CR71E106KA12
Ceramic Capacitor
3216
Murata
CIN5
10 μF, (X7R, 25 V)
GRM31CR71E106KA12
Ceramic Capacitor
3216
Murata
COUT1
47 μF, (X5R, 6.3 V)
GRM21BR60J476ME01
Ceramic Capacitor
2012
Murata
COUT2
47 μF, (X5R, 6.3 V)
GRM21BR60J476ME01
Ceramic Capacitor
2012
Murata
COUT3
47 μF, (X5R, 6.3 V)
GRM21BR60J476ME01
Ceramic Capacitor
2012
Murata
COUT4
47 μF, (X5R, 6.3 V)
GRM21BR60J476ME01
Ceramic Capacitor
2012
Murata
CVCC
1 μF, (X6S, 25 V)
GRM155C81E105KE11
Ceramic Capacitor
1005
Murata
CBST
0.1 μF, (X7R, 25 V)
GRM155R71E104KE14
Ceramic Capacitor
1005
Murata
CSS1
0.022 μF, (X7R, 25 V)
GRM155R71E223KA61
Ceramic Capacitor
1005
Murata
CSS2
0.022 μF, (X7R, 25 V)
GRM155R71E223KA61
Ceramic Capacitor
1005
Murata
CFB(Note 2)
2200 pF, (X7R, 50 V)
GRM155R71H222KA01
Ceramic Capacitor
1005
Murata
RILIM
5.1 kΩ, (1 %, 1/16 W)
MCR01SMQPF5101
Chip Resistor
1005
ROHM
RMODE
Short
-
-
-
-
RPGD
10 kΩ, (1 %, 1/16 W)
MCR01SMQPF1002
Chip Resistor
1005
ROHM
R0(Note 3)
Short
-
-
-
-
RUP
1.5 kΩ, (1 %, 1/16 W)
MCR01SMQPF1501
Chip Resistor
1005
ROHM
RDOWN
1.5 kΩ, (1 %, 1/16 W)
MCR01SMQPF1501
Chip Resistor
1005
ROHM
(Note 1) In order to reduce the influence of high frequency noise, connect a 1 μF ceramic capacitor CIN1, CIN2 as close to the VIN pin and the PGND pin as possible.
(Note 2) CFB
is option, used to adjust the frequency response. If you are using a value other than those listed in Table 3, please confirm with the actual application.
(Note 3) R0
is an option, used for feedback’s frequency response measurement. By inserting a resistor at R0, it is possible to measure the frequency response
(phase margin) using a FRA. However, the resistor is not used in actual application, use this resistor pattern in short-circuit mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com