Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9DA00MF Datasheet(PDF) 29 Page - Rohm

Part # BD9DA00MF
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF Datasheet(HTML) 29 Page - Rohm

Back Button BD9DA00MF Datasheet HTML 25Page - Rohm BD9DA00MF Datasheet HTML 26Page - Rohm BD9DA00MF Datasheet HTML 27Page - Rohm BD9DA00MF Datasheet HTML 28Page - Rohm BD9DA00MF Datasheet HTML 29Page - Rohm BD9DA00MF Datasheet HTML 30Page - Rohm BD9DA00MF Datasheet HTML 31Page - Rohm BD9DA00MF Datasheet HTML 32Page - Rohm BD9DA00MF Datasheet HTML 33Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 53 page
background image
29/50
BD9DA00MF
Datasheet
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
Selection of Components Externally Connected – continued
4. Soft Start Capacitor (Soft Start Time Setting)
The soft start time depends on the value of the capacitor connected to the SS/REF pin. By connecting a capacitor CSS to
the SS/REF pin, the soft start time can be set to tSS_EXT, which is longer than tSS = 1 ms (Typ). The tSS_EXT, CSS1 (SS/REF
pin to RGND pin), and CSS2 (SS/REF pin to AGND pin) can be calculated using below equation. CSS (the sum of CSS1 and
CSS2) should be set between 1000 pF and 1 μF.
������������������������������������_������������������������������������=������������������������������������×0.6������������������������������������_������������������������[s]
������������������������������������=������������������������������������1+������������������������������������2[F]
where:
������������������������������������_������������������������ isSS/REFSourceCurrent36µA(Typ)
With CSS1 = 0.22 µF, CSS2 = 0.022 µF, tSS_EXT can be calculated as below.
������������������������������������_������������������������������������=(0.22������������������������+0.022������������������������)×0.6
36������������������������
=4.03[ms]
0 V
VEN
VOUT
0 V
0 V
VIN
0 V
VFB
VREF x 98 %
tSS_EXT
0.6 V
(Typ)
0.15 ms (Typ)
Figure 49. Adjustable Soft Start Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com