Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9DA00MF Datasheet(PDF) 43 Page - Rohm

Part # BD9DA00MF
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF Datasheet(HTML) 43 Page - Rohm

Back Button BD9DA00MF Datasheet HTML 39Page - Rohm BD9DA00MF Datasheet HTML 40Page - Rohm BD9DA00MF Datasheet HTML 41Page - Rohm BD9DA00MF Datasheet HTML 42Page - Rohm BD9DA00MF Datasheet HTML 43Page - Rohm BD9DA00MF Datasheet HTML 44Page - Rohm BD9DA00MF Datasheet HTML 45Page - Rohm BD9DA00MF Datasheet HTML 46Page - Rohm BD9DA00MF Datasheet HTML 47Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
43/50
BD9DA00MF
Datasheet
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
PCB Layout Design
PCB layout design for DC/DC converter is very important. The appropriate layout can avoid various problems concerning power
supply circuit. Figure 87 to Figure 89 show the current path in a buck DC/DC converter circuit. The Loop 1 in Figure 87 is a
current path when High-Side Switch is ON and Low-Side Switch is OFF, the Loop 2 in Figure 88 is when High-Side Switch is
OFF and Low-Side Switch is ON. The thick line in Figure 89 shows the difference between Loop1 and Loop2. The current in
thick line change sharply each time the switching element High-Side and Low-Side Switch change from OFF to ON, and vice
versa. These sharp changes induce a waveform with harmonics in this loop. Therefore, the loop area of thick line that is
consisted by input capacitor and IC should be as small as possible to minimize noise. For more details, refer to application note
of switching regulator series “PCB Layout Techniques of Buck Converter”.
Figure 87. Current Path when High-Side Switch = ON, Low-Side Switch = OFF
Figure 88. Current Path when High-Side Switch = OFF, Low-Side Switch = ON
Figure 89. Difference of Current and Critical Area in Layout
CIN
High-Side Switch
COUT
VOUT
L
VIN
Loop1
Low-Side Switch
GND
GND
CIN
COUT
VOUT
L
VIN
Loop2
High-Side Switch
Low-Side Switch
GND
GND
CIN
High-Side FET
COUT
VOUT
L
VIN
GND
GND
Low-Side FET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com