Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9DA00MF Datasheet(PDF) 44 Page - Rohm

Part # BD9DA00MF
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF Datasheet(HTML) 44 Page - Rohm

Back Button BD9DA00MF Datasheet HTML 40Page - Rohm BD9DA00MF Datasheet HTML 41Page - Rohm BD9DA00MF Datasheet HTML 42Page - Rohm BD9DA00MF Datasheet HTML 43Page - Rohm BD9DA00MF Datasheet HTML 44Page - Rohm BD9DA00MF Datasheet HTML 45Page - Rohm BD9DA00MF Datasheet HTML 46Page - Rohm BD9DA00MF Datasheet HTML 47Page - Rohm BD9DA00MF Datasheet HTML 48Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 53 page
background image
44/50
BD9DA00MF
Datasheet
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
PCB Layout Design – continued
When designing the PCB layout, pay attention to the following points:
•Connect the input capacitors CIN1, CIN2, CIN3, CIN4 and CIN5 as close to the VIN pin and PGND pin as possible on the same
plane as the IC.
•Place two VIN VIAs and two PGND VIAs for CIN2.
•Place as many VIN VIAs as possible directly under the IC to improve heat dissipation.
•Place a minimum of six PGND VIAs near the PGND pins of the IC.
•Switching nodes such as SW are susceptible to noise due to AC coupling with other nodes. Route the inductor pattern L as
thick and as short as possible.
•Feedback line connected to the FB pin far from the SW nodes.
•Place RUP, RDOWN, CFB, and CRGND as close to the IC on the same layer as possible to minimize the distance of the feedback
line.
•Place the output capacitors COUT1, COUT2, COUT3, and COUT4 away from the input capacitors CIN1, CIN2, CIN3, CIN4, and CIN5 to
avoid the influence of harmonic noise from the input.
•Separate the reference ground and power ground and connect each with VIAs. Connect the reference ground to the power
ground near CVCC, where high frequency switching noise is minimal.
•Place the VCC bypass capacitor as close to the pin as possible.
1
2
3
4
5
6
7
8
12
13
14
11
10
CVCC
CBST
RILIM
CSS2
CRGND
RDOWN
COUT1
COUT2
COUT3
COUT4
PGND
VOUT
SW
VIN
L
Figure 90. Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com