Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9DA00MF Datasheet(PDF) 25 Page - Rohm

Part # BD9DA00MF
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF Datasheet(HTML) 25 Page - Rohm

Back Button BD9DA00MF Datasheet HTML 21Page - Rohm BD9DA00MF Datasheet HTML 22Page - Rohm BD9DA00MF Datasheet HTML 23Page - Rohm BD9DA00MF Datasheet HTML 24Page - Rohm BD9DA00MF Datasheet HTML 25Page - Rohm BD9DA00MF Datasheet HTML 26Page - Rohm BD9DA00MF Datasheet HTML 27Page - Rohm BD9DA00MF Datasheet HTML 28Page - Rohm BD9DA00MF Datasheet HTML 29Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 53 page
background image
25/50
BD9DA00MF
Datasheet
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
2. Protection – continued
(2) Low-Side Reverse Over Current Protection (ROCP)
While Low-Side FET is ON in the Forced CCM setting, if the inductor current exceeds the reverse detection current
IROCP = 6.5 A (Typ), Low-Side FET is turned OFF and High-Side FET is turned ON.
(3) Under Voltage Lockout Protection (UVLO)
The device shuts down when the input voltage VIN falls to 1.85 V (Typ) or less, or VCC voltage VCC is 2.5 V (Typ) or
less. It starts up when VIN becomes 2.4 V (Typ) or more and VCC becomes 2.8 V (Typ) or more. The hysteresis is 550
mV (Typ) and 300 mV (Typ), respectively.
VIN
VCC
VINUVLO2
VCCUVLO1
VCCUVLO2
UVLO
VOUT
2.4 V (Typ)
2.8 V (Typ)
2.5 V (Typ)
3.0 V (Typ)
tSS
VINUVLO1
1.85 V (Typ)
Figure 44. UVLO Timing Chart
(4) Thermal Shutdown Protection (TSD)
The thermal shutdown circuit prevents heat damage to the IC. If the junction temperature (Tj) exceeds the TSD
detection temperature (175 °C, Typ), the output MOSFETs are turned off. When the Tj falls below the TSD release
temperature (150 °C, Typ), the IC restarts up with soft start. The input voltage required for the restart is the same as
that for the initial startup (Input voltage 4.0 V or more). Note that the TSD circuit operates in a situation that exceeds
the absolute maximum ratings. Therefore, under no circumstances, should the TSD circuit be used in a set design or
for any purpose other than protecting the IC from heat damage.
(5) Over Voltage Protection (OVP)
The overvoltage protection (OVP) is enabled after the SS/REF pin voltage reaches 0.6 V (Typ). OVP function operates
when the FB pin voltage VFB becomes 116 % (Typ) or more of the FB reference voltage VREF, and it depends on the
device operation mode.
During Forced CCM mode operation, after the device detects OVP, it latches off the High-Side FET and turns on the
Low-Side FET. However, when the current flowing through the Low-Side FET reaches reverse detection current IROCP,
the Low-Side FET is temporarily turned off and the High-Side FET is turned on for an ONTIME determined by the
input/output status. After that, the Low-Side FET returns to the latched-on state.
During LLM mode operation, after the device detects OVP, it turns off the High-Side FET and turns on the Low-Side
FET. When the Low-Side FET turns on, the output voltage decreases, and if VFB falls below 50% (Typ) of VREF, both
the High-Side FET and Low-Side FET latch off. However, before VFB falls below 50 % (Typ) of VREF, when the current
flowing through the Low-Side FET reaches IROCP, the Low-Side FET is temporarily turned off and the High-Side FET is
turned on for an ONTIME determined by the input/output status. After that, the Low-Side FET returns to the on state.
The device repeats this operation until VFB is less than 50 % (Typ) of VREF.
During both Forced CCM and LLM mode operation, the device resets the latched state by toggling EN or by detecting
VIN UVLO or VCC UVLO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com