Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9DA00MF Datasheet(PDF) 28 Page - Rohm

Part # BD9DA00MF
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF Datasheet(HTML) 28 Page - Rohm

Back Button BD9DA00MF Datasheet HTML 24Page - Rohm BD9DA00MF Datasheet HTML 25Page - Rohm BD9DA00MF Datasheet HTML 26Page - Rohm BD9DA00MF Datasheet HTML 27Page - Rohm BD9DA00MF Datasheet HTML 28Page - Rohm BD9DA00MF Datasheet HTML 29Page - Rohm BD9DA00MF Datasheet HTML 30Page - Rohm BD9DA00MF Datasheet HTML 31Page - Rohm BD9DA00MF Datasheet HTML 32Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 53 page
background image
28/50
BD9DA00MF
Datasheet
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
Selection of Components Externally Connected – continued
3. Output Voltage Setting
The output voltage can be set by the feedback resistance ratio connected to the FB pin and the RGND pin.
The output voltage VOUT can be calculated as below.
������������������������������������������������=������������������������������������+������������������������������������������������������������
������������������������������������������������������������
×0.6[V]
0.6≤������������������������������������������������≤5.5[V]
However, RDOWN should be set within the following
formula.
������������������������������������������������������������≤10[kΩ]
Figure 48. Feedback Resistor Circuit
VOUT should be used to satisfy the conditions of the following equation.
600 kHz :
������������������������������������������������≤(������������������������������������×0.86)−0.095×������������������������������������������������[V]
800 kHz :
������������������������������������������������≤(������������������������������������×0.82)−0.095×������������������������������������������������[V]
1 MHz :
������������������������������������������������≤(������������������������������������×0.78)−0.095×������������������������������������������������[V]
FB capacitor CFB is optional. The device improves load response by connecting CFB.
Load transient response and the loop stability depend on L, COUT, RUP, RDOWN, and CFB. Actually, these characteristics may
change depending on PCB layout, wiring, the type of components, and the conditions (temperature, etc.). Be sure to check
them on the actual application. For recommended CFB, use the values listed in Table 3.
Table 3. Recommended component constants and minimum effective output capacitance for each setting.
VIN
[V]
VOUT
[V]
Switching
Frequency
[kHz]
IOUTMAX
[A]
LTYP
[µH]
RUP
[kΩ]
RDOWN
[kΩ]
CFB_TYP
[pF]
COUTMIN_EFF(Note 1)
[µF]
5
1.2
600
12
0.47
1.5
1.5
2200
170
5
3.3
600
10
0.47
6.8
1.5
68
170
12
1.2
600
12
0.47
1.5
1.5
2200
170
12
3.3
600
12
1
6.8
1.5
270
170
12
5
600
12
1.4
11
1.5
150
110
5
1.2
800
12
0.33
1.5
1.5
2200
135
5
3.3
800
8
0.33
6.8
1.5
100
135
12
1.2
800
12
0.33
1.5
1.5
2200
135
12
3.3
800
12
0.68
6.8
1.5
270
135
12
5
800
12
1
11
1.5
150
85
5
1.2
1000
12
0.25
1.5
1.5
2200
135
5
3.3
1000
6
0.33
6.8
1.5
180
135
12
1.2
1000
12
0.33
1.5
1.5
2200
135
12
3.3
1000
12
0.68
6.8
1.5
270
135
12
5
1000
12
0.68
11
1.5
150
85
(Note 1) Minimum effective capacitance of the output capacitor.
VOUT
RUP
RDOWN
FB
Error Amplifier
0.6 V
(Typ)
RGND
SS/REF
CFB
CSS1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com