Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9DA00MF Datasheet(PDF) 24 Page - Rohm

Part # BD9DA00MF
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF Datasheet(HTML) 24 Page - Rohm

Back Button BD9DA00MF Datasheet HTML 20Page - Rohm BD9DA00MF Datasheet HTML 21Page - Rohm BD9DA00MF Datasheet HTML 22Page - Rohm BD9DA00MF Datasheet HTML 23Page - Rohm BD9DA00MF Datasheet HTML 24Page - Rohm BD9DA00MF Datasheet HTML 25Page - Rohm BD9DA00MF Datasheet HTML 26Page - Rohm BD9DA00MF Datasheet HTML 27Page - Rohm BD9DA00MF Datasheet HTML 28Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 53 page
background image
24/50
BD9DA00MF
Datasheet
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
Function Explanations – continued
2. Protection
(1) Over Current Protection (OCP) / Short Circuit Protection (SCP)
Over Current Protection (OCP) restricts the flowing current through the Low-Side FET and the High-Side FET for every
switching period. When the Low-Side FET is on, the Low-Side FET remains on while the inductor current is more than
the Low-Side OCP setting value ILOCP. When the inductor current becomes ILOCP or less, the device can turn on the
High-Side FET. For ILOCP settings, refer to the Selection of Components Externally Connected 7. OCP Setting Resister.
When the inductor current becomes the High-Side OCP IHOCP = 17.5 A (Typ) or more while the High-Side FET is on,
the High-Side FET is turned off. Output voltage may decrease by changing frequency and duty due to the OCP
operation.
Short Circuit Protection (SCP) function is a Hiccup mode. After 3 ms (Typ) from the beginning of soft start, and after
SS/REF voltage (VSSREF) reaches 0.6 V (Typ), if VFB is 80 % (Typ) of FB reference voltage VREF or less, or over current
protection is detected for 31 consecutive cycles, the device shuts down for 117 ms (Typ), and then the device restarts.
Do not exceed the maximum junction temperature (Tjmax = 125 °C) during OCP and SCP operation.
VOUT
VFB
Low Side FET
Internal Gate Signal
Inductor Current
Low Side OCP
Internal Signal
SCP
Internal Signal
117 ms (Typ)
IHOCP
High Side OCP
Internal Signal
Less than
OCP 31 counts
VPGD
VREF x / 80 % (Typ)
VREF x 92.5 % (Typ)
ILOCP
OCP 31 counts
High Side FET
Internal Gate Signal
VSW
117 ms (Typ)
Less than
OCP 31 counts
Figure 43. OCP and SCP Timing Chart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com