Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9DA00MF Datasheet(PDF) 1 Page - Rohm

Part # BD9DA00MF
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF Datasheet(HTML) 1 Page - Rohm

  BD9DA00MF Datasheet HTML 1Page - Rohm BD9DA00MF Datasheet HTML 2Page - Rohm BD9DA00MF Datasheet HTML 3Page - Rohm BD9DA00MF Datasheet HTML 4Page - Rohm BD9DA00MF Datasheet HTML 5Page - Rohm BD9DA00MF Datasheet HTML 6Page - Rohm BD9DA00MF Datasheet HTML 7Page - Rohm BD9DA00MF Datasheet HTML 8Page - Rohm BD9DA00MF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 53 page
background image
〇
Product structure : Silicon integrated circuit 〇This product has no designed protection against radioactive rays.
1/50
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
TSZ22111 • 14 • 001
www.rohm.com
4 V to 16 V Input, 12 A Integrated MOSFET
Single Synchronous Buck DC/DC Converter
BD9DA00MF
General Description
BD9DA00MF is a synchronous buck DC/DC converter
with built-in low on-resistance power MOSFETs. The
device operates with output current up to 12 A. The
output voltage accuracy is ±1%. It features fast transient
response due to QuiCurTM and constant on-time control
system. The Light Load Mode control improves efficiency
in light-load conditions. It achieves high power density
and offer a small footprint on the PCB by employing small
package.
Features
QuiCurTM
Nano Pulse ControlTM
Single Synchronous Buck DC/DC Converter
Constant On-time Control
Light Load Mode (LLM)
Adjustable Soft Start
Power Good Output
Selectable Switching Frequency
Output Voltage Remote Sense
Adjustable Reference Voltage
Output Discharge
Over Voltage Protection (OVP)
Adjustable Over Current Protection (OCP)
Short Circuit Protection (SCP)
Thermal Shutdown Protection (TSD)
Under Voltage Lockout Protection (UVLO)
Applications
Step-down Power Supply for SoC, FPGA,
Microprocessor
Servers
Key Specifications
Input Voltage Range:
4 V to 16 V
Input Voltage Range with External VCC Bias:
2.7 V to 14 V
Output Voltage Range:
0.6 V to 5.5 V
Output Current:
12 A (Max)
Switching Frequency: 600 kHz, 800 kHz, 1 MHz (Typ)
High-Side FET ON Resistance:
16 mΩ (Typ)
Low-Side FET ON Resistance:
4 mΩ (Typ)
Shutdown Current:
0 μA (Typ)
Package
W (Typ) x D (Typ) x H (Max)
UFN014V3040
3.0 mm x 4.0 mm x 1.0 mm
Typical Application Circuit
QuiCurTM, Nano Pulse ControlTM are trademarks or registered trademarks of ROHM Co., Ltd.
VIN
BST
BD9DA00MF
SW
FB
VOUT
L
VCC
CBST
CVCC
AGND
PGD
ILIM
COUT
CIN
RUP
RDOWN
MODE
PGND
SS/REF
VIN
EN
VEN
RGND
RMODE
RILIM
CSS1
CSS2
CFB
Datasheet
QuiCurTM
Nano Pulse ControlTM


Similar Part No. - BD9DA00MF

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9D300MUV ROHM-BD9D300MUV Datasheet
1Mb / 42P
4.0 V to 17 V Input, 3 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
16.Sep.2021 Rev.002
BD9D300MUV-E2 ROHM-BD9D300MUV-E2 Datasheet
1Mb / 42P
4.0 V to 17 V Input, 3 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
16.Sep.2021 Rev.002
BD9D320EFJ ROHM-BD9D320EFJ Datasheet
1Mb / 26P
4.5V to 18V Input, 3.0A Integrated MOSFET
BD9D321EFJ ROHM-BD9D321EFJ Datasheet
1Mb / 28P
4.5V to 18V Input, 3.0A Integrated MOSFET 1ch Synchronous Buck DC/DC Converter
BD9D322QWZ ROHM-BD9D322QWZ Datasheet
3Mb / 40P
4.5V to 18V Input, 3.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
More results

Similar Description - BD9DA00MF

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E200FP4-Z ROHM-BD9E200FP4-Z Datasheet
1Mb / 38P
4.5 V to 26 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
25.Mar.2022 Rev.001
BD9E201FP4-Z ROHM-BD9E201FP4-Z Datasheet
1Mb / 40P
4.5 V to 28 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
25.Mar.2022 Rev.001
BD9S402MUF-C ROHM-BD9S402MUF-C Datasheet
2Mb / 41P
2.7 V to 5.5 V Input, 4 A Single Synchronous Buck DC/DC Converter for Automotive
10.May.2022 Rev.001
BD9B305QUZ ROHM-BD9B305QUZ Datasheet
4Mb / 44P
2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
08.Mar.2019 Rev.001
BD9D300MUV ROHM-BD9D300MUV Datasheet
1Mb / 42P
4.0 V to 17 V Input, 3 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
16.Sep.2021 Rev.002
BD9E104FJ ROHM-BD9E104FJ Datasheet
2Mb / 33P
7.0 V to 26.0 V Input, 1 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
11.Dec.2017 Rev.001
BD9F500QUZ ROHM-BD9F500QUZ Datasheet
3Mb / 58P
4.5 V to 36 V Input, 5 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
02.Apr.2020 Rev.001
BD9B206NF-Z ROHM-BD9B206NF-Z Datasheet
3Mb / 45P
2.7 V to 5.5 V Input, 2.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Apr.2023 Rev.001
BD9B306NF-Z ROHM-BD9B306NF-Z Datasheet
3Mb / 45P
2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Mar.2023 Rev.001
BD9B406NF-Z ROHM-BD9B406NF-Z Datasheet
3Mb / 45P
2.7 V to 5.5 V Input, 4.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
01.Apr.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com