Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9DA00MF Datasheet(PDF) 22 Page - Rohm

Part # BD9DA00MF
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF Datasheet(HTML) 22 Page - Rohm

Back Button BD9DA00MF Datasheet HTML 18Page - Rohm BD9DA00MF Datasheet HTML 19Page - Rohm BD9DA00MF Datasheet HTML 20Page - Rohm BD9DA00MF Datasheet HTML 21Page - Rohm BD9DA00MF Datasheet HTML 22Page - Rohm BD9DA00MF Datasheet HTML 23Page - Rohm BD9DA00MF Datasheet HTML 24Page - Rohm BD9DA00MF Datasheet HTML 25Page - Rohm BD9DA00MF Datasheet HTML 26Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 53 page
background image
22/50
BD9DA00MF
Datasheet
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
1. Basic Operation – continued
(4) Power Good
The power good function monitors the FB pin voltage (VFB). It is recommended to connect the PGD pin to the VCC pin
or a power supply of 5.5 V or less with a resistor of 1 kΩ to 100 kΩ. If the power good function is not used, this pin can
be left floating or connected to the ground.
When VFB becomes 92.5 % or more of the FB reference voltage VREF 0.6 V (Typ) and keep the state for 0.9 ms (Typ),
the open drain Nch MOSFET connected to the PGD pin is turned off and the PGD output goes Hi-Z (high impedance).
When VFB falls below 80 % of VREF 0.6 V (Typ), the open drain Nch MOSFET is turned on and the PGD pin is pulled
down with 15 Ω (Typ).
The power good function also operates when the output overvoltage is detected. When VFB reaches 116 % (Typ) or
more of VREF 0.6 V (Typ), the open drain Nch MOSFET is latched in the ON state. The latched PGD output returns to
Hi-Z and is pulled up after EN is toggled, or VIN UVLO or VCC UVLO is reset.
In the shutdown state (VEN ≤ 0.7 V (Typ)) or VCC active state (0.8 V (Typ) ≤ VEN ≤ 1.22 V (Typ) and VIN < 2.0 V (Typ)),
the PGD pin is clamped by the internal circuit. It is clamped to 600 mV (Typ) during pulled up to 3.3 V with 100 kΩ, and
clamped to 700 mV (Typ) during pulled up to 3.3 V with 10 kΩ.
Table 1. PGD Output
State
Condition
PGD Output
Shutdown
VEN ≤ 0.7 V (Typ)
Clamp
VCC Active
0.8 V (Typ) ≤ VEN ≤ 1.22 V (Typ)
VIN < 2.0 V (Typ)
Clamp
VIN ≥ 2.0 V (Typ)
Low (15 Ω Pull-down)
Enable
VEN ≥ 1.22 V (Typ)
VFB / VREF ≥ 92.5 % (Typ) for 0.9 ms (Typ)
High (3 MΩ Pull-down)
Until PGD turns High
Low (15 Ω Pull-down)
OVP
Detect VFB / VREF ≥ 116 % (Typ)
Low (15 Ω Pull-down)
SCP
Detect VFB / VREF ≤ 80 % (Typ)
Low (15 Ω Pull-down)
UVLO
VIN ≤ 1.85 V (Typ) or VCC ≤ 2.5 V (Typ)
Low (15 Ω Pull-down)
TSD
Tj ≥ 175 °C (Typ)
Low (15 Ω Pull-down)
(5) Output Voltage Tracking Function
BD9DA00MF can be applied a reference voltage from an external power supply using the SS/REF pin. After the
SS/REF pin voltage starts up to 0.6 V, it can be set in the range of 0.6 V to 1.4 V.
(6) Output Voltage Clamp Function (OVC)
When the FB pin voltage VFB becomes VREF x 104 % (Typ) or more, the Low-Side FET turns on and suppresses the
output voltage rise. When VFB becomes VREF x 103 % (Typ) or less, it returns to normal operation. In the case of LLM
setting, the device returns to the normal operating state after 15 times switching operation with CCM. The output voltage
clamp function is enabled after the SS/REF pin voltage reaches 0.6 V (Typ).
(7) QuiCurTM
QuiCurTM is a combination of technologies that provides fast load response. This technology reduces the amount of
output voltage change in response to transient changes in load current. It also reduces the capacitance of output
capacitors required for power supply ICs, thereby reducing the number of components and the board mounting area.
(8) Nano Pulse ControlTM
Nano Pulse ControlTM is an original technology developed by ROHM Co., Ltd. It enables to control voltage stably, which
is difficult in the conventional technology, even in a narrow SW ON time such as less than 50 ns at typical condition.
(9) Bootstrap Capacitor Charge Function
The Low-Side FET turns on and charges to a bootstrap capacitor when the voltage between SW and BST (ΔVBST-SW)
becomes 2.1 V (Typ) or less.
(10) Output Discharge Function
When the device shuts down from the operating state by enable control, the internal discharge resistor RON_DIS = 70 Ω
(Typ) connected to the SW pin turns ON and discharges the output voltage VOUT to 10 % (Typ) of the setting voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com