Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9DA00MF Datasheet(PDF) 10 Page - Rohm

Part # BD9DA00MF
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF Datasheet(HTML) 10 Page - Rohm

Back Button BD9DA00MF Datasheet HTML 6Page - Rohm BD9DA00MF Datasheet HTML 7Page - Rohm BD9DA00MF Datasheet HTML 8Page - Rohm BD9DA00MF Datasheet HTML 9Page - Rohm BD9DA00MF Datasheet HTML 10Page - Rohm BD9DA00MF Datasheet HTML 11Page - Rohm BD9DA00MF Datasheet HTML 12Page - Rohm BD9DA00MF Datasheet HTML 13Page - Rohm BD9DA00MF Datasheet HTML 14Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 53 page
background image
10/50
BD9DA00MF
Datasheet
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
Typical Performance Curves
Figure 1. Shutdown Current vs Temperatur
e
(VIN = 12 V, VEN = 0 V)
Figure 3. EN Threshold Voltage vs Temperature
Figure 2. Operating Quiescent Current vs Temperature
(VIN = 12 V, VEN = 2 V)
Figure 4. EN Input Current vs Temperature
(VEN = 2 V)
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
-50
-25
0
25
50
75
100
125
Temperature : Ta [°C]
0.97
1.02
1.07
1.12
1.17
1.22
1.27
-50
-25
0
25
50
75
100
125
Temperature : Ta [°C]
High
Low
0
200
400
600
800
1000
1200
-50
-25
0
25
50
75
100
125
Temperature : Ta [°C]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
-50
-25
0
25
50
75
100
125
Temperature : Ta [°C]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com