Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9DA00MF Datasheet(PDF) 20 Page - Rohm

Part # BD9DA00MF
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF Datasheet(HTML) 20 Page - Rohm

Back Button BD9DA00MF Datasheet HTML 16Page - Rohm BD9DA00MF Datasheet HTML 17Page - Rohm BD9DA00MF Datasheet HTML 18Page - Rohm BD9DA00MF Datasheet HTML 19Page - Rohm BD9DA00MF Datasheet HTML 20Page - Rohm BD9DA00MF Datasheet HTML 21Page - Rohm BD9DA00MF Datasheet HTML 22Page - Rohm BD9DA00MF Datasheet HTML 23Page - Rohm BD9DA00MF Datasheet HTML 24Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 53 page
background image
20/50
BD9DA00MF
Datasheet
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
Function Explanations
1. Basic Operation
(1) DC/DC Converter Operation
BD9DA00MF is a synchronous buck DC/DC converter that has original on-time control. The device operates with
MODE pin setting. For the operation mode setting method, refer to Function Explanations 1. Basic Operation (11)
Control Mode Selectable Function. When the operating mode is Light Load Mode (LLM), it utilizes switching operation
in Continuous Conduction Mode (CCM) control for heavier load, and it operates in LLM control at lighter load to improve
efficiency. When the operating mode is Forced CCM, the device operates in CCM control regardless of the output load.
Figure 38. Efficiency Image between Light Load Mode Control and CCM Mode Control
(2) Enable Control
The start-up and shutdown can be controlled by the EN voltage (VEN). When VEN becomes 1.22 V (Typ) or more, the
internal circuit is activated and the device starts up. When VEN becomes 1.02 V (Typ) or less, the device shuts down.
In the shutdown mode, the High-Side FET and the Low-Side FET are turned off and the SW pin is connected to GND
through an internal discharge resistor RON_DIS = 70 Ω (Typ) and it discharges the output voltage VOUT to 10 % (Typ) of
the setting voltage.
0 V
Start-up
VENH
VENL
VEN
VOUT
0 V
0 V
VIN
Shutdown
Discharged to 10 %
Figure 39. Start-up and Shutdown with Enable Control Timing Chart
CCM Control
Output Current IOUT [A]
Light Load Mode Control
Forced CCM Mode Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com