Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9DA00MF Datasheet(PDF) 8 Page - Rohm

Part # BD9DA00MF
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF Datasheet(HTML) 8 Page - Rohm

Back Button BD9DA00MF Datasheet HTML 4Page - Rohm BD9DA00MF Datasheet HTML 5Page - Rohm BD9DA00MF Datasheet HTML 6Page - Rohm BD9DA00MF Datasheet HTML 7Page - Rohm BD9DA00MF Datasheet HTML 8Page - Rohm BD9DA00MF Datasheet HTML 9Page - Rohm BD9DA00MF Datasheet HTML 10Page - Rohm BD9DA00MF Datasheet HTML 11Page - Rohm BD9DA00MF Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 53 page
background image
8/50
BD9DA00MF
Datasheet
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
Recommended Operating Conditions
Parameter
Symbol
Min
Typ
Max
Unit
Input Voltage
VIN
4
-
16
V
Input Voltage with External VCC Bias
2.7
-
14
V
External VCC Bias
VCC_EXT
3.13
-
3.60
V
Operating Junction Temperature
Tj
-40
-
+125
°C
Output Current(Note 1)
IOUT
0
-
12
A
Output Voltage Setting(Note 2)
VOUT
0.6
-
5.5
V
(Note 1) Tj must be 125 °C or less under the actual operating environment.
(Note 2) At low duty cycles, the frequency is lowered accordingly. Additionally, at high duty cycles, the output voltage may be limited by the VIN
voltage.
Please use the range of formulas listed in Selection of Components Externally Connected 3.Output Voltage Setting.
Electrical Characteristics (Unless otherwise specified Tj = -40 °C to +125 °C, VIN = 12 V, VEN = 2 V)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
Input Supply
Shutdown Current
ISDN
-
0
10
µA
VEN = 0 V
Operating Quiescent Current
IQ
-
600
1200
µA
IOUT = 0 A,
No switching
Enable
EN Threshold Voltage High
VENH
1.17
1.22
1.27
V
VEN rising
EN Threshold Voltage Low
VENL
-
1.02
-
V
VEN falling
EN Hysteresis Voltage
VENHYS
-
200
-
mV
EN Input Current
IEN
-
0
2
µA
VEN = 2 V
VIN UVLO
VIN UVLO Detection Threshold
Voltage
VINUVLO1
1.55
1.85
2.15
V
VIN falling
VIN UVLO Release Threshold
Voltage
VINUVLO2
2.1
2.4
2.7
V
VIN rising
VCC
VCC UVLO Detection Threshold
Voltage
VCCUVLO1
2.35
2.50
2.65
V
VCC falling
VCC UVLO Release Threshold
Voltage
VCCUVLO2
2.65
2.80
2.95
V
VCC rising
VCC Output Voltage
VCC
2.88
3.00
3.12
V
Reference Voltage, Error Amplifier, Soft Start
FB Reference Voltage
VREF
0.594
0.600
0.606
V
Forced CCM mode
FB Input Current
IFB
-
-
100
nA
VFB = 0.6 V
Error Amplifier Offset Voltage
VOFFSET
-3
0
+3
mV
Soft Start Time
tSS
0.75
1.00
1.25
ms
CSS1 + CSS2 = 0.044 µF
SS/REF Source Current
ISS_SO
-
36
-
µA
VSS/REF = 0.2 V
SS/REF Sink Current
ISS_SI
-
12
-
µA
VSS/REF = 1 V
Control
On-Time 1
tON1
133
167
200
ns
VOUT = 1.2 V, Forced CCM
mode, 600 kHz setting
On-Time 2
tON2
100
125
150
ns
VOUT = 1.2 V, Forced CCM
mode, 800 kHz setting
On-Time 3
tON3
80
100
120
ns
VOUT = 1.2 V, Forced CCM
mode, 1 MHz setting
Minimum On-Time(Note 3)
tMINON
-
45
-
ns
Minimum Off-Time
tMINOFF
-
150
-
ns
SW (MOSFET)
High-Side FET ON Resistance
RONH
-
16
-
mΩ
VBST - VSW = 3 V
Low-Side FET ON Resistance
RONL
-
4
-
mΩ
VCC = 3 V
Discharge FET ON Resistance
RON_DIS
-
70
150
Ω
VCC = 3 V
(Note 3) This is design value. No tested on outgoing inspection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com