Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9DA00MF Datasheet(PDF) 26 Page - Rohm

Part # BD9DA00MF
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF Datasheet(HTML) 26 Page - Rohm

Back Button BD9DA00MF Datasheet HTML 22Page - Rohm BD9DA00MF Datasheet HTML 23Page - Rohm BD9DA00MF Datasheet HTML 24Page - Rohm BD9DA00MF Datasheet HTML 25Page - Rohm BD9DA00MF Datasheet HTML 26Page - Rohm BD9DA00MF Datasheet HTML 27Page - Rohm BD9DA00MF Datasheet HTML 28Page - Rohm BD9DA00MF Datasheet HTML 29Page - Rohm BD9DA00MF Datasheet HTML 30Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 53 page
background image
26/50
BD9DA00MF
Datasheet
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
Selection of Components Externally Connected
If you use settings other than the recommended constants shown in the application circuit examples,
please contact our company.
1. Input Capacitor
Use ceramic type capacitor for the input capacitor. The input capacitor is used to reduce the input ripple noise and it is
effective to be placed as close to the VIN pin as possible. Set the capacitor value so that it does not fall to 10 μF considering
the capacitor value variances, temperature characteristics, DC bias characteristics, aging characteristics, and etc. The PCB
layout and the position of the capacitor may lead to IC malfunction. Refer to the notes on the PCB layout when designing
PCB layout. In addition, the capacitor with value 0.1 μF or 1 μF can be connected as close to the VIN pin and the PGND
pin as possible in order to reduce the high frequency noise.
2. Output LC Filter
In order to supply a continuous current to the load, the DC/DC converter requires an LC filter for smoothing the output
voltage. For recommended inductance, use the values listed in Table 3.
Figure 45. Waveform of Inductor Current
Figure 46. Output LC Filter Circuit
For example, given that VIN = 12 V, VOUT = 1.2 V, L = 0.33 μH, and the switching frequency fSW = 800 kHz, Inductor current
ΔIL can be represented by the following equation.
∆������������������������=������������������������������������������������×(������������������������������������−������������������������������������������������)× 1������������������������������������×������������������������������������×������������=4.09[A]
The rated current of the inductor (Inductor saturation current) must be larger than the sum of the maximum output current
IOUTMAX and 1/2 of the inductor ripple current ΔIL. The inductor peak current, which is value obtained by adding 1/2 of ΔIL
to IOUTMAX should be 15.5 A or less.
Use ceramic type capacitors for the output capacitor COUT.
COUT affects the output ripple voltage. Select COUT so that it must satisfy the required ripple voltage characteristics. The
output ripple voltage can be estimated by the following equation.
∆������������������������������������������������=∆������������������������×�������������������������������������������������+ 18×������������������������������������������������×�������������������������������������[V]
where:
������������������������������������������������istheEquivalentSeriesResistance(ESR)oftheoutputcapacitor.
For example, given that COUT = 47 μF and RESR = 3 mΩ in 4 parallel, ΔVRPL can be calculated as below.
∆������������������������������������������������=4.09������������×�3������������������������/4+ 1
8×47������������������������×4×800������������������������������������
�=6.5[mV]
VOUT
L
COUT
VIN
Driver
IL
t
Inductor saturation current > IOUTMAX + ∆IL/2
∆IL
Maximum Output Current IOUTMAX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com