Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BD9DA00MF Datasheet(PDF) 3 Page - Rohm

Part # BD9DA00MF
Description  4 V to 16 V Input, 12 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9DA00MF Datasheet(HTML) 3 Page - Rohm

  BD9DA00MF Datasheet HTML 1Page - Rohm BD9DA00MF Datasheet HTML 2Page - Rohm BD9DA00MF Datasheet HTML 3Page - Rohm BD9DA00MF Datasheet HTML 4Page - Rohm BD9DA00MF Datasheet HTML 5Page - Rohm BD9DA00MF Datasheet HTML 6Page - Rohm BD9DA00MF Datasheet HTML 7Page - Rohm BD9DA00MF Datasheet HTML 8Page - Rohm BD9DA00MF Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
3/50
BD9DA00MF
Datasheet
TSZ02201-0J2J0AB01940-1-2
© 2025 ROHM Co., Ltd. All rights reserved.
18.Mar.2025 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
Pin Configuration
(TOP VIEW)
1
2
9
PGD
AGND
BST
3
4
5
6
7
8
ILIM
MODE
SS/REF
RGND
FB
EN
12
13
14
11
10
VCC
PGND
PGND
PGND
PGND
PGND
PGND
PGND
PGND
Pin Descriptions
Pin No.
Pin Name
Function
1
BST
Pin for bootstrap. Connect a bootstrap capacitor of 0.1 µF (Typ) between the BST pin and the
SW pin. The voltage of this capacitor is the gate drive of the High-Side FET.
2
AGND
Ground pin for the control circuit.
3
ILIM
Current limit value setting pin. For the setting method, refer to Selection of Components Externally
Connected 7. OCP Setting Resister.
4
MODE
Switching control mode setting pin. For the setting method, refer to Function Explanations 1.
Basic Operation (11) Control Mode Selectable Function
5
SS/REF
Soft start time setting pin and Reference voltage setting pin.
6
RGND
Remote sense ground pin. It is also used as a ground for the internal reference voltage. If the
remote sense function is not used, connect this pin to AGND.
7
FB
Output voltage feedback pin. For the setting method, refer to Selection of Components Externally
Connected 3. Output Voltage Setting.
8
EN
Enable pin. The device starts up with setting VEN to 1.22 V (Typ) or more. The device enters the
shutdown mode with setting VEN to 1.02 V (Typ) or less. This pin must not be left open.
9
PGD
Power Good pin. This pin is an open drain output that requires a pull-up resistor. If not used, this
pin can be left floating or connected to the ground.
10, 14
VIN
Power supply pins.
11
PGND
Ground pins for the output stage of the switching regulator.
12
VCC
3.0 V (Typ) output power supply pin for the internal circuit. Connect a ceramic capacitor of 1.0 µF
(Typ). Do not connect to any external loads except the MODE pin and a pull-up resistor for the
PGD pin. It is also possible to apply voltage externally to this pin.
13
SW
Switch pin. This pin is connected to the source of the High-Side FET and the drain of the Low-
Side FET. Connect a 0.1 µF bootstrap capacitor between this pin and the BST pin. Additionally,
please connect an output LC filter to this pin. For the output LC filter setting method, refer to
Selection of Components Externally Connected 2. Output LC Filter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com