Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 104 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 104 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 100Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 101Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 102Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 103Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 104Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 105Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 106Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 107Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 108Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 151 page
background image
GD32H757xx Datasheet
103
Table 4-25. PLLUSBHS0/1 characteristics(3)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fPLLIN(1)
PLL input clock frequency
—
4
—
30
MHz
fPLLOUT(1)
PLL output clock frequency
—
—
480
—
MHz
fVCO(1)
PLL VCO output clock
frequency
—
—
480
—
MHz
tLOCK(1)
PLL lock time
—
—
100
150
μs
IDDA(2)
Current consumption on
VDDA
—
—
1.7
—
mA
JitterPLL
Cycle to cycle Jitter(rms)
System clock
—
40
—
ps
Cycle to cycle Jitter
(peak to peak)
—
400
—
(1)
Value guaranteed by characterization, not 100% tested in production.
(2)
Value guaranteed by design, not 100% tested in production.
(3)
Value given with main PLL running.
4.10.
Memory characteristics
Table 4-26. Flash memory characteristics
Symbol
Parameter
Conditions
Min(1) Typ(1)
Max(2)
Unit
PECYC
Number of guaranteed
program /erase cycles
before failure (Endurance)
—
100
—
—
kcycles
tRET
Data retention time
—
—
20
—
years
tPROG
Word programming time
TA = -40°C ~ +105 °C
—
1
—
ms
tERASE4kB
Sector(4kB) erase time
TA = -40°C ~ +105 °C
—
100
—
ms
tMERASE(1MB)
Mass erase time
TA = -40°C ~ +105 °C
—
8
—
s
tMERASE(2MB)
Mass erase time
TA = -40°C ~ +105 °C
—
16
—
s
tMERASE(3840kB)
Mass erase time
TA = -40°C ~ +105 °C
—
30
—
s
(1)
Value guaranteed by characterization, not 100% tested in production.
(2)
Value guaranteed by design, not 100% tested in production.
4.11.
NRST pin characteristics
Table 4-27. NRST pin characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(NRST)(2)
NRST Input low level voltage
VDD = VDDA = 1.71 V
-0.3
—
0.3 VDD
V
VIH(NRST)(2)
NRST Input high level voltage
0.7 VDD —
VDD + 0.3
Vhyst(1)
Schmidt trigger Voltage hysteresis
—
300
—
mV
VIL(NRST)(2)
NRST Input low level voltage
VDD = VDDA = 3.3 V
-0.3
—
0.3 VDD
V
VIH(NRST)(2)
NRST Input high level voltage
0.7 VDD —
VDD + 0.3
Vhyst(1)
Schmidt trigger Voltage hysteresis
—
310
—
mV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com