Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 108 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 108 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 104Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 105Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 106Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 107Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 108Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 109Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 110Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 111Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 112Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 151 page
background image
GD32H757xx Datasheet
107
Speed Symbol
Parameter
Conditions
Min
Typ
Max Unit
level fall time and
output low to high
level rise time
1.71 V ≤ VDD ≤ 2.5 V, CL = 30 pF
—
2.8
—
1.71 V ≤ VDD ≤ 2.5 V, CL = 10 pF
—
1.8
—
11
tr/tf(2)
Output high to low
level fall time and
output low to high
level rise time
1.71 V ≤ VDD ≤ 2.5 V, CL = 50 pF
—
3.5
—
ns
1.71 V ≤ VDD ≤ 2.5 V, CL = 30 pF
—
2.6
—
1.71 V ≤ VDD ≤ 2.5 V, CL = 10 pF
—
1.6
—
(1)
The maximum frequency is defined with the following conditions: (tr+tf) ≤ 2/3 T Skew ≤ 1/20 T 45% < Duty
cycle < 55%
(2)
The fall and rise times are defined between 90% and 10% and between 10% and 90% of the output waveform,
respectively.
(3)
Value guaranteed by characterization, not 100% tested in production.
(4)
The data is for reference only, and the specific values are related to PCB Layout.
4.13.
14-bit ADC characteristics
Table 4-32. 14-bit ADC characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VDDA(1)
Operating
voltage
—
1.8
—
3.6
V
VREFP(2)(3)
Positive
Reference
Voltage
VDDA ≥ 2.4 V
2.4
—
VDDA
V
VDDA < 2.4 V
1.8
—
VDDA
V
VREFN(2)
Negative
Reference
Voltage
—
VSSA
V
fADC(1)
ADC clock
2.7 V ≤ VDDA ≤ 3.6 V
2.7 V ≤ VREFP ≤ VDDA
0.1
—
72
MHz
2.4 V ≤ VDDA ≤ 2.7 V
2.4 V ≤ VREFP ≤ VDDA
0.1
—
54
MHz
1.8 V ≤ VDDA ≤ 2.4 V
1.8 V ≤ VREFP ≤ VDDA
0.1
—
36
MHz
fS(1)
Sampling rate
Resolution =
14 bits
2.7 V ≤ VDDA ≤ 3.6 V
2.7 V ≤ VREFP ≤VDDA
fADC =
72 MHz
SMP
= 3.5
—
—
4
MSPS
2.4 V ≤ VDDA ≤ 2.7 V
2.4 V ≤ VREFP ≤ VDDA
fADC =
54 MHz
SMP
= 3.5
—
—
3
1.8 V ≤ VDDA ≤ 2.4 V
1.8 V ≤ VREFP ≤ VDDA
fADC =
36 MHz
SMP
= 3.5
—
—
2
Resolution =
12 bits
2.7 V ≤ VDDA ≤ 3.6 V
2.7 V ≤ VREFP ≤ VDDA
fADC =
72 MHz
SMP
= 3.5
—
—
4.5
2.4 V ≤ VDDA ≤ 2.7 V
2.4 V ≤ VREFP ≤ VDDA
fADC =
54 MHz
SMP
= 3.5
—
—
3.37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com