Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 105 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 105 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 101Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 102Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 103Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 104Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 105Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 106Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 107Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 108Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 109Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 151 page
background image
GD32H757xx Datasheet
104
VIL(NRST)(2)
NRST Input low level voltage
VDD = VDDA = 3.6 V
-0.3
—
0.3 VDD
V
VIH(NRST)(2)
NRST Input high level voltage
0.7 VDD —
VDD + 0.3
Vhyst(1)
Schmidt trigger Voltage hysteresis
—
320
—
mV
Rpu(2)
Pull-up equivalent resistor
—
—
40
—
kΩ
(1)
Value guaranteed by characterization, not 100% tested in production.
(2)
Value guaranteed by design, not 100% tested in production.
Figure 4-6. Recommended external NRST pin circuit
NRST
VDD
Ext ernal reset circuit
RPU
10 k
Ω
VDD
GND
100 nF
K
4.12.
GPIO characteristics
Table 4-28. I/O static characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL(1)
I/O input low level voltage
1.71 V < VDD < 3.6 V
—
—
0.3VDD
V
VIH(1)
I/O input high level voltage
1.71 V <VDD < 3.6 V
0.7VDD
—
—
V
VHYS(1)
input hysteresis
VDD =3.3 V
—
360
—
mV
Ileak
Input leakage current
0 < VIN ≤ VDD
—
—
±
2
μA
RPU(1)
Weak pull-up equivalent
resistor
VIN = VSS
—
40
—
kΩ
RPD(1)
Weak pull-down equivalent
resistor
VIN = VDD
—
40
—
kΩ
(1)
Value guaranteed by design, not 100% tested in production.
Table 4-29. Output voltage characteristics for all I/Os except PC13, PC14, PC15(1)(2)
Symbol
Parameter
Conditions
Min
Typ
Max Unit
VOL
(IO_speed=max)
Low level output
voltage for an IO Pin
(IIO = +8 mA)
VDD = 1.71 V
—
0.094
—
V
VDD = 3.3 V
—
0.058
—
VDD = 3.6 V
—
0.057
—
Low level output
voltage for an IO Pin
(IIO = +20 mA)
VDD = 1.71 V
—
0.253
—
VDD = 3.3 V
—
0.15
—
VDD = 3.6 V
—
0.147
—
VOH
(IO_speed=max)
High level output
voltage for an IO Pin
VDD = 1.71 V
—
1.6
—
VDD = 3.3 V
—
3.226
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com