Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD32H757ZMT7 Datasheet(PDF) 114 Page - GigaDevice Semiconductor (Beijing) Inc.

Part # GD32H757ZMT7
Description  Arm® Cortex®-M7 32-bit MCU
PDF  151 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GIGADEVICE [GigaDevice Semiconductor (Beijing) Inc.]
Direct Link  http://www.gigadevice.com/
Logo GIGADEVICE - GigaDevice Semiconductor (Beijing) Inc.

GD32H757ZMT7 Datasheet(HTML) 114 Page - GigaDevice Semiconductor (Beijing) Inc.

Back Button GD32H757ZMT7 Datasheet HTML 110Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 111Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 112Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 113Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 114Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 115Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 116Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 117Page - GigaDevice Semiconductor (Beijing) Inc. GD32H757ZMT7 Datasheet HTML 118Page - GigaDevice Semiconductor (Beijing) Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 151 page
background image
GD32H757xx Datasheet
113
Resolution
Sampling cycles @ 80 MHz
RAIN max (kΩ)
640.5
109
10 bits
2.5
0.25
6.5
1.05
12.5
2.25
24.5
4.65
47.5
9.26
92.5
18.2
247.5
49.3
640.5
128
8 bits
2.5
0.35
6.5
1.31
12.5
2.75
24.5
5.64
47.5
11.1
92.5
21.9
247.5
59.2
640.5
153
6 bits
2.5
0.50
6.5
1.70
12.5
3.50
24.5
7.11
47.5
14.0
92.5
27.5
247.5
74.1
640.5
192
(1)
Value guaranteed by design, not 100% tested in production.
(2)
The RAIN value was calculated by theory and stray capacitance of actual pcb has not been taken into account.
Table 4-37. ADC dynamic accuracy at fADC = 60 MHz VREFP = 1.8 V(1)(2)
Symbol
Parameter
Test conditions
Min
Typ
Max Unit
ENOB Effective number of bits
fADC = 60 MHz
VREFP = 1.8 V
Input Frequency = 20
kHz
Single ended
—
10.9
—
bits
Differential
—
11.4
—
SNDR
Signal-to-noise and
distortion ratio
Single ended
—
67.5
—
dB
Differential
—
70.7
—
SNR
Signal-to-noise ratio
Single ended
—
67.6
—
Differential
—
70.8
—
THD
Total harmonic
distortion
Single ended
—
-83.1
—
Differential
—
-86.6
—
(1)
Guaranteed by characterization results for BGA packages. The values for LQFP packages might differ.
(2) The test was carried out under the LDO power supply mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com